công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UP9971G-S08-R

  • AI
    The **UP9971G-S08-R** is a high-performance, N-Channel enhancement mode Power MOSFET commonly used in power management circuits, DC-DC converters, and motor control applications. --- ### 1. Key Technical Specifications Below is a breakdown of the electrical characteristics typically found in the datasheet for this component: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 60V | | **Continuous Drain Current** | $I_D$ | ~5A (depending on thermal cooling) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~50mΩ @ $V_{GS}=10V$ | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | SOP-8 | Surface Mount Device (SMD) | | **Configuration** | Dual N-Channel | Often contains two MOSFETs in one chip | --- ### 2. Physical and Part Number Breakdown The nomenclature of the part number provides specific information about its build: * **UP9971**: The series/model number. * **G**: Denotes "Green" (Halogen-free and RoHS compliant). * **S08**: Refers to the **SOP-8** (Small Outline Package with 8 pins). * **R**: Indicates the packaging method (usually **Tape & Reel**). --- ### 3. Pin Configuration (SOP-8 Dual N-Channel) In a standard dual N-channel configuration for this package, the pinout usually follows this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **S1** | Source of MOSFET 1 | | 2 | **G1** | Gate of MOSFET 1 | | 3 | **S2** | Source of MOSFET 2 | | 4 | **G2** | Gate of MOSFET 2 | | 5, 6 | **D2** | Drain of MOSFET 2 | | 7, 8 | **D1** | Drain of MOSFET 1 | --- ### 4. Typical Applications The UP9971G is favored in electronics for its efficiency and small footprint. Common use cases include: 1. **Motherboards & Laptops**: Used in point-of-load (POL) conversion. 2. **LCD Monitors**: Used in the inverter circuits for backlighting. 3. **Battery Management**: Acts as a switch for charging/discharging protection circuits. 4. **Motor Drivers**: Suitable for low-voltage brushless DC motor control. --- ### 5. Design Precautions * **Thermal Management**: Since the SOP-8 package is small, ensure adequate copper pour on the PCB (connected to the Drain pins) to act as a heatsink. * **Gate Drive**: Ensure the gate voltage ($V_{GS}$) is high enough to fully saturate the MOSFET to minimize heat generation from $R_{DS(on)}$. * **ESD Sensitivity**: Like all MOSFETs, this part is sensitive to static electricity; handle it in an ESD-protected environment.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the UP9971G?
    • ⤷ How does the power dissipation of the SOP-8 package affect its maximum current rating?
    • ⤷ Can this MOSFET be used in a H-bridge circuit for bidirectional motor control?