UP5-681-R
AI

The **UP5-681-R** is a high-performance, shielded power inductor belonging to the **Uni-Pac 5 (UP5)** series, manufactured by **Eaton (formerly Coiltronics)**. These components are designed for high-density power applications.
---
## 1. Technical Specifications
The part number "681" indicates the inductance value, and "R" denotes RoHS compliance.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 680 µH |
| **Tolerance** | ±20% |
| **Inductance Code** | 681 (68 x 10^1) |
| **DC Resistance (DCR)** | ~0.957 Ω (Typical) |
| **RMS Current ($I_{rms}$)** | 0.77 Amps |
| **Peak Current ($I_{sat}$)** | 0.90 Amps |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temp** | -40°C to +125°C |
---
## 2. Key Features
### A. Magnetic Shielding
The UP5 series features a ferrite drum core with a ring sleeve. This construction minimizes **Electromagnetic Interference (EMI)**, making it suitable for noise-sensitive circuits.
### B. High Power Density
The "Uni-Pac" design provides a high inductance-to-size ratio. It is specifically engineered to handle high transient current spikes without saturating immediately.
### C. Construction & Materials
* **Core Material:** Ferrite.
* **Termination:** Lead-free, matte tin over copper.
* **Packaging:** Available in tape and reel for automated SMT assembly.
---
## 3. Common Applications
Due to its high inductance (680 µH), this part is typically used in filtering and energy storage for lower-current, higher-voltage regulation tasks.
1. **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
2. **Industrial Electronics:** Power supplies for sensors and controllers.
3. **Input/Output Filtering:** Used to smooth ripples in power lines.
4. **LED Lighting:** Drivers requiring stable current regulation.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **UP5** | Uni-Pac Series Size 5 (Physical dimensions ~18.5mm x 15.2mm) |
| **681** | Inductance: **68** + **1** zero = 680 µH |
| **-R** | RoHS Compliant (Lead-Free) |
---
- ⤷
What is the physical footprint (dimensions) of the UP5-681-R package?
- ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 qualification?
- ⤷ What are the recommended soldering profile temperatures for this specific component?