UP5-5R6-R
AI

The **UP5-5R6-R** is a high-performance, shielded power inductor manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It belongs to the Uni-Pac (UP) series, designed specifically for high power density and reliability in surface-mount applications.
---
### 1. Technical Specifications
Below is a breakdown of the key electrical and physical characteristics of the UP5-5R6-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 5.6 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~14.1 Amperes |
| **Saturation Current (Isat)** | ~18.8 Amperes |
| **DC Resistance (DCR)** | ~5.8 mΩ (Max) |
| **Package / Case** | UP5 (Surface Mount) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Ferrite Core (Shielded) |
---
### 2. Key Components and Features
* **Ferrite Core:** The "R" at the end of the series indicates the use of a ferrite material which provides high efficiency and low core losses at high frequencies.
* **Magnetic Shielding:** The part is magnetically shielded to minimize Electromagnetic Interference (EMI), making it suitable for densely packed circuit boards where noise crosstalk must be avoided.
* **Low DCR:** The extremely low DC resistance (5.8 mΩ) ensures minimal power loss through heat, which is critical for maintaining high efficiency in power supplies.
* **Robust Construction:** The UP5 size is designed to handle high transient current spikes without saturating immediately.
---
### 3. Common Applications
The UP5-5R6-R is typically found in power management circuits where high current and small footprints are required:
* **DC-DC Converters:** Used as the primary energy storage element in buck, boost, or buck-boost regulators.
* **Voltage Regulator Modules (VRMs):** Found in servers and high-end workstations to provide stable power to CPUs/GPUs.
* **Industrial Electronics:** Used in motor controllers and high-current power supplies.
* **Battery Powered Systems:** Ideal for portable equipment requiring high efficiency to extend battery life.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **UP5:** Represents the physical size/footprint (Uni-Pac size 5).
* **5R6:** Represents the inductance value. The "R" acts as a decimal point (5.6).
* **-R:** Indicates that the part is RoHS compliant (lead-free).
- ⤷
What are the recommended soldering profiles for the UP5 series?
- ⤷ How does the saturation current (Isat) of this inductor compare to unshielded versions?
- ⤷ Can this inductor be used in high-frequency switching regulators above 1MHz?