UP5-470-R
AI

The **UP5-470-R** is a high-performance, shielded power inductor from the **Uni-Pac 5 (UP5)** series, manufactured by Eaton (formerly Bussmann/Coiltronics). These components are designed for high power density and are commonly used in DC-DC converters and voltage regulator modules.
---
### 1. Technical Specifications
The part number "470" indicates the inductance value, and "R" signifies RoHS compliance.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 47.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (rms)** | ~2.6 Amps |
| **Saturation Current (Isat)** | ~3.0 Amps |
| **DC Resistance (DCR)** | ~0.076 Ω (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | Surface Mount (SMD) |
---
### 2. Key Features
* **Magnetic Shielding:** The component is shielded, which minimizes Electromagnetic Interference (EMI) and prevents magnetic flux from affecting nearby sensitive components on the PCB.
* **High Power Density:** Designed to handle significant current in a relatively small footprint.
* **Low Core Loss:** Uses materials optimized for high-frequency switching, reducing energy wasted as heat.
* **Robust Construction:** The flat top design is optimized for automated "pick-and-place" assembly.
---
### 3. Application Use Cases
The UP5-470-R is typically found in the following electronic circuits:
1. **Buck/Boost Converters:** Acting as the energy storage element in power supplies.
2. **Server Power Modules:** Used in Voltage Regulator Modules (VRMs) for distributed power systems.
3. **Industrial Controls:** Filtering noise and regulating power in harsh electrical environments.
4. **Telecommunications:** Integrated into high-efficiency base station power units.
---
### 4. Typical Footprint (Mechanical)
The UP5 series generally follows a standard high-profile square footprint:
```text
Dimensions (Approximate):
Length: 18.0 mm
Width: 15.0 mm
Height: 7.0 mm - 8.0 mm
```
---
- ⤷What are the equivalent alternative parts for the UP5-470-R?
- ⤷ How does the saturation current affect its performance in a circuit?
- ⤷ What is the recommended solder reflow profile for this inductor?