công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UP4B-3R3-R

  • AI
    ### UP4B-3R3-R Component Overview The **UP4B-3R3-R** is a high-power, shielded drum core inductor manufactured by Eaton (formerly Bussmann). It is specifically designed for high-density power applications where surface-mount technology (SMT) and high efficiency are required. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 3.3 µH | | **Tolerance** | ±20% | | **Current Rating (Irms)** | 11.4 Amperes | | **Saturation Current (Isat)** | 16.0 Amperes | | **DC Resistance (DCR)** | 0.0069 Ohms (Max) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | Non-standard SMT (approx. 22mm x 15mm) | | **Shielding** | Shielded (Magnetic) | --- ### Key Features 1. **High Power Density:** The "UP4B" series is known for its ability to handle high current in a relatively compact footprint compared to through-hole counterparts. 2. **Magnetic Shielding:** The part is shielded to minimize Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits. 3. **Low DCR:** The extremely low DC resistance (6.9 mΩ) ensures minimal power loss and reduced heat generation during operation. 4. **Rugged Construction:** Designed to withstand the thermal stresses of infrared and vapor phase reflow soldering. --- ### Common Applications * **DC-DC Converters:** Used as the main energy storage element in buck, boost, or buck-boost regulators. * **Voltage Regulator Modules (VRM):** Found in server power supplies and high-end computing. * **Industrial Electronics:** Used in motor control circuits and high-current power distribution. * **Renewable Energy:** Integration in solar inverters or battery management systems. --- ### Physical Dimensions (Approximate) * **Length:** 22.35 mm * **Width:** 15.24 mm * **Height:** 11.94 mm
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the UP4B-3R3-R if it is out of stock?
    • ⤷ How does the saturation current impact the performance of this inductor in a buck converter?
    • ⤷ What is the recommended PCB footprint for soldering this specific component?