UP2C-2R2-R
AI

The **UP2C-2R2-R** is a high-performance power inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the **Uni-Pac (UP)** series, which is designed for applications requiring high power density and reliable surface-mount technology (SMT).
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 5.38 A |
| **Saturation Current (Isat)** | 8.1 A |
| **DC Resistance (DCR)** | 11.4 mΩ (Max) |
| **Shielding** | Shielded (Drum Core) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's physical and electrical properties:
* **UP2C**: Refers to the series name and the physical size/package dimensions.
* **2R2**: Represents the inductance value. The "R" acts as a decimal point. $2R2 = 2.2$ µH.
* **-R**: Indicates that the part is **RoHS compliant** (lead-free).
---
### 3. Physical Construction and Features
* **Shielded Design:** The inductor is magnetically shielded, which minimizes Electromagnetic Interference (EMI). This is crucial for densely packed circuit boards where noise can interfere with sensitive components.
* **Ferrite Core:** Utilizes a high-frequency ferrite material that provides low core losses and high efficiency.
* **Footprint:** It is designed for SMT (Surface Mount Technology), allowing for automated "pick and place" assembly.
---
### 4. Common Applications
Due to its high current handling and low DCR, the UP2C-2R2-R is typically used in:
1. **DC-DC Converters:** Used as an energy storage element in buck, boost, or buck-boost regulators.
2. **Voltage Regulator Modules (VRMs):** Found in computing and server motherboards.
3. **Battery Powered Devices:** Ideal for laptops and handheld devices where space is limited but power efficiency is vital.
4. **Consumer Electronics:** Used in LED drivers and audio equipment to filter power lines.
---
- ⤷What are the specific dimensions of the UP2C package?
- ⤷ How does the saturation current (Isat) affect circuit performance?
- ⤷ Can I use this inductor in automotive-grade applications?