UMZ1N
AI

## UMZ1N: Technical Overview
The **UMZ1N** is a specialized surface-mount electronic component, specifically classified as a **Dual Zener Diode** configured with a **Common Anode**. It is primarily used for voltage regulation and surge protection in compact electronic circuits.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Zener Diode (Dual) |
| **Configuration** | Common Anode (3-pin) |
| **Package Type** | UMT3 (SOT-323 / SC-70) |
| **Zener Voltage ($V_z$)** | 5.1V (Nominal) |
| **Power Dissipation ($P_d$)** | 150 mW |
| **Operating Temperature** | -55°C to +150°C |
| **Manufacturer** | ROHM Semiconductor (Primary) |
---
### 2. Internal Configuration
The UMZ1N consists of two Zener diodes integrated into a single small-signal package. The internal layout is as follows:
* **Pin 1:** Cathode 1 ($K_1$)
* **Pin 2:** Cathode 2 ($K_2$)
* **Pin 3:** Common Anode ($A$)
This "Common Anode" structure allows two independent lines to be protected or regulated using a single ground reference point, saving significant PCB real estate.
---
### 3. Applications and Use Cases
Due to its small footprint and precise voltage clamping, the UMZ1N is frequently used in:
1. **Voltage Regulation:** Providing a stable 5.1V reference for low-power sensors or logic gates.
2. **ESD Protection:** Clamping transient voltage spikes on data lines to protect sensitive Integrated Circuits (ICs).
3. **Signal Clipping:** Limiting the amplitude of signals in communication devices to prevent distortion or damage.
4. **Portable Electronics:** Used in smartphones, tablets, and wearables where space is at a premium.
---
### 4. Advantages of the UMZ1N
* **Space Saving:** Replaces two discrete diodes with one 3-pin package.
* **Reliability:** High reliability provided by ROHM's manufacturing process.
* **Cost-Effective:** Reduces component count and assembly time on the production line.
---
- ⤷What is the difference between a Common Anode and a Common Cathode diode configuration?
- ⤷ Can the UMZ1N be used for high-current power supply regulation?
- ⤷ What are the common SMD marking codes for the UMZ1N?