ULR3-R001FT2
AI

The **ULR3-R001FT2** is a high-precision, high-power **Current Sense Resistor** manufactured by Welwyn (a TT Electronics brand). This component is specifically designed for monitoring current levels by measuring the voltage drop across its low-resistance element.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 0.001 Ohms (1 mΩ) |
| **Power Rating** | 3 Watts |
| **Tolerance** | ±1% (indicated by 'F') |
| **Package / Case** | 2512 (SMD - Surface Mount Device) |
| **Temperature Coefficient** | ±100 ppm/°C |
| **Technology** | Metal Element / Metal Alloy |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying its characteristics:
* **ULR:** Series Name (Ultra-Low Resistance).
* **3:** Power Rating (3 Watts).
* **R001:** Resistance value (R001 = 0.001 $\Omega$).
* **F:** Tolerance Code (F = ±1%).
* **T2:** Packaging (Typically refers to Tape and Reel).
---
### 3. Core Features & Benefits
* **Low Inductance:** Because it uses a solid metal alloy element rather than a wire-wound structure, it has extremely low inductance, making it suitable for high-frequency switching applications.
* **High Power Density:** Delivering 3W in a 2512 package is considered high performance, requiring effective thermal management on the PCB.
* **Thermal Stability:** The metal alloy construction ensures that the resistance value remains stable even as the component heats up during operation.
* **AEC-Q200 Qualified:** These parts are often tested to automotive standards, ensuring high reliability in harsh environments.
---
### 4. Typical Applications
The ULR3-R001FT2 is commonly found in circuits where power management and current monitoring are critical:
1. **Battery Management Systems (BMS):** Monitoring charging and discharging currents in Li-ion battery packs.
2. **DC-DC Converters:** Providing feedback loops for regulated power supplies.
3. **Motor Control:** Detecting "over-current" conditions to protect motors and drivers.
4. **Power Inverters:** Used in solar or automotive inverters to sense output current.
---
### 5. Layout Considerations
When using a **1 mΩ** resistor, the resistance of the PCB copper traces can interfere with the reading. Designers should use a **Kelvin Connection (4-terminal sensing)** layout style:
* Two pads carry the high current.
* Two separate "sense" traces are connected directly to the resistor pads to measure the voltage drop without including the voltage drop of the power traces.
---
- ⤷What are the recommended PCB layout practices for 1mOhm sense resistors?
- ⤷ How does the power derating curve affect this resistor at high temperatures?
- ⤷ What is the difference between the ULR series and standard thick-film resistors?