ULN2001LCL-S08-R
AI

### Technical Overview: ULN2001LCL-S08-R
The **ULN2001LCL-S08-R** is a high-voltage, high-current Darlington transistor array. It is specifically designed to bridge the gap between low-power logic circuits (like microcontrollers) and high-power loads (like motors or relays).
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Collector-Emitter Voltage ($V_{CE}$)** | 50V Max |
| **Continuous Collector Current ($I_C$)** | 500mA per channel |
| **Package Type** | SOP-8 (Small Outline Package) |
| **Configuration** | 3-Channel (typically) or specific array dependent on S08 pinout |
| **Input Type** | General Purpose (requires external resistors for logic level matching) |
| **Clamp Diodes** | Integrated for inductive load transients |
---
### 2. Functional Components
1. **Darlington Pairs**: Each output uses two bipolar transistors in a Darlington configuration to provide high current gain. This allows a very small input current to control a large output load.
2. **Suppression Diodes**: Each channel includes an integrated flyback diode connected to a common cathode pin (COM). This protects the chip from high-voltage spikes generated when switching inductive loads like solenoids or DC motors.
3. **Open-Collector Outputs**: The outputs are "sink" drivers, meaning they connect the load to the Ground (GND) when activated.
---
### 3. Pinout & Connection Logic
The SOP-8 version is a compact variant compared to the traditional 16-pin ULN2003 series.
* **Inputs (IN1, IN2, etc.)**: Connected to the GPIO of a MCU.
* **Outputs (OUT1, OUT2, etc.)**: Connected to the negative side of the load.
* **GND**: Connected to the system ground.
* **COM**: Connected to the positive supply voltage of the load (used for spike suppression).
---
### 4. Comparison: ULN2001 vs. ULN2003
Unlike the **ULN2003**, which has built-in $2.7k\Omega$ base resistors for direct 5V TTL/CMOS compatibility, the **ULN2001** series is a "general-purpose" array.
* **Advantage**: It allows the designer to choose the input resistor to match specific logic levels or drive requirements.
* **Requirement**: You must place a resistor in series with the input to prevent damaging the transistor base.
---
### 5. Typical Applications
* **Relay Drivers**: Switching mechanical relays.
* **Stepper Motors**: Driving the coils of small unipolar stepper motors.
* **LED Matrix**: Driving high-brightness LED strings.
* **Solenoids**: Controlling pneumatic or hydraulic valves.
- ⤷
How do I calculate the input resistor value for the ULN2001LCL?
- ⤷ What is the maximum power dissipation for the SOP-8 package?
- ⤷ Can I parallel multiple outputs to drive a load higher than 500mA?