công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UGF3JB

  • AI
    The **UGF3JB** is a high-efficiency, ultra-fast recovery rectifier diode commonly used in power management and switching applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The UGF3JB belongs to the "Ultra-fast Recovery" family. These diodes are designed to switch from a conducting to a non-conducting state very quickly, minimizing energy loss during high-frequency operation. ### Key Specifications | Parameter | Value | | :--- | :--- | | **Part Number** | UGF3JB | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 3.0 Amperes | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 600 Volts | | **Maximum Reverse Recovery Time ($t_{rr}$)** | 25 ns (nanoseconds) | | **Forward Voltage Drop ($V_F$)** | ~1.25V to 1.75V (Load dependent) | | **Operating Junction Temperature ($T_J$)** | -55 to +150 °C | | **Package Type** | ITO-220AC (Isolated Plastic) | --- ## 2. Key Features * **Ultra-fast Switching:** The recovery time of 25ns makes it ideal for high-frequency rectification. * **Low Reverse Leakage:** Minimizes power loss when the diode is in the "off" state. * **High Surge Capacity:** Designed to handle momentary spikes in current without failing. * **Isolated Package:** The ITO-220AC casing is typically fully molded/insulated, allowing the part to be mounted directly to a heatsink without an additional insulating pad. --- ## 3. Typical Applications Because of its high voltage rating (600V) and fast response, the UGF3JB is frequently found in: 1. **Switch Mode Power Supplies (SMPS):** Used as an output rectifier. 2. **Freewheeling Diodes:** Protecting circuits from inductive "kickback" in motors or relays. 3. **Inverters:** Converting DC to AC in solar or UPS systems. 4. **Power Factor Correction (PFC):** Improving the efficiency of power delivery. --- ## 4. Connection Diagram (Standard ITO-220AC) The device typically features two leads (Cathode and Anode): ```text _______ | O | <-- Mounting Hole |_______| | | | UGF3JB| |_______| | | | | Anode Cathode (Pin 1) (Pin 2) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between UGF3JB and a standard silicon diode like 1N4007?
    • ⤷ How does the 'Ultra-fast' recovery time affect power efficiency?
    • ⤷ Can the UGF3JB be used in high-temperature environments above 150°C?