công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UDS-CA-R

  • AI
    The **UDS-CA-R** refers to a high-end Ultrasonic Bone Surgery system (commonly known as a Piezo Bone Saw) manufactured by Woodpecker. These devices rely on precise electronic control to convert electrical energy into mechanical ultrasonic vibrations for bone cutting while sparing soft tissue. --- ### Core Electronic Components The architecture of the UDS-CA-R is built around a closed-loop feedback system to ensure power stability during surgery. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Ultrasonic Transducer** | Conversion of Energy | Uses Piezoelectric ceramic disks to convert high-frequency electrical signals into linear mechanical vibrations. | | **Control Board (PCB)** | System Logic | Houses the microprocessor that regulates frequency tracking and power output modes. | | **Power Supply Unit (PSU)** | AC/DC Conversion | Converts mains voltage to stabilized DC power; usually includes medical-grade isolation for patient safety. | | **Frequency Generator** | Signal Creation | Generates a high-frequency sine wave (typically 24kHz to 36kHz) sent to the handpiece. | | **Touch Interface/LCD** | User Input | An electronic display and control panel for switching between Bone, Root, and Clean modes. | | **Peristaltic Pump Motor** | Irrigation Control | An electronically controlled motor that manages the flow rate of saline to cool the tip. | --- ### Key Electronic Features #### 1. Automatic Frequency Tracking The UDS-CA-R utilizes an **Automatic Frequency Tracking System**. Because the mechanical load on the tip changes based on bone density, the electronics monitor the impedance and adjust the frequency in real-time to maintain optimal cutting efficiency. #### 2. Power Modulation (Feedback Loop) If the surgeon applies more pressure, the electronic control board detects a drop in amplitude. The system compensates by increasing the current to the transducer to prevent the tip from stalling. #### 3. Safety Circuitry * **Over-current Protection:** Shuts down the output if a short circuit occurs in the handpiece cable. * **Thermal Monitoring:** Sensors monitor the temperature of the internal circuitry to prevent overheating during long procedures. --- ### Operating Parameters ```json { "device_class": "Class IIa", "frequency_range": "24kHz - 36kHz", "input_power": "200V - 240V AC", "output_power": "Adjustable (up to 30W)", "water_flow_rate": "0 - 150ml/min" } ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the piezoelectric effect differ from magnetostrictive technology in surgery?
    • ⤷ What are the common causes of electronic failure in ultrasonic handpieces?
    • ⤷ How do the 'Bone' and 'Root' power modes differ electronically?