công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UDS-C6-R.

  • AI
    The **UDS-C6-R** typically refers to a high-performance, industrial-grade **Ultrasonic Double Sheet Detector**. This sensor is used in automated machinery (like printing presses or metal sheet feeders) to ensure that only one layer of material is being processed at a time. Below is an explanation of its core electronic parts and functional components. --- ## 1. Core Electronic Components The device operates on the principle of ultrasonic attenuation. Its electronic architecture is divided into the following sections: | Component Type | Function | Key Details | |:---|:---|:---| | **Ultrasonic Transducers** | Signal conversion | One transmitter (Tx) and one receiver (Rx) that convert electrical energy into high-frequency sound waves. | | **Microcontroller (MCU)** | Processing Logic | Analyzes the amplitude of the received signal to differentiate between 0, 1, or 2 sheets. | | **Output Stage** | Signal transmission | Features push-pull outputs (PNP/NPN) to communicate status to a PLC. | | **Adjustment Interface** | Configuration | Includes "Teach-in" buttons or remote input lines for calibrating material thickness. | | **Status LEDs** | Visual Feedback | Multicolored LEDs (Green/Yellow/Red) indicating "Run," "Double Sheet," or "Empty." | --- ## 2. Technical Specifications From an electronics perspective, the UDS-C6-R is designed for high-speed integration: * **Operating Voltage:** 18 – 30 V DC (Standard industrial power). * **Switching Frequency:** High speed (approx. 500 Hz to 1 kHz) to keep up with fast-moving assembly lines. * **Current Consumption:** Typically < 50 mA. * **Interface:** Usually 4-pin or 5-pin M12 connector for robust electrical connection. --- ## 3. Functional Block Diagram (Logic Flow) The electronic process follows this sequence: 1. **Pulse Generation:** The MCU triggers the transmitter to emit an ultrasonic pulse (usually around 200–400 kHz). 2. **Attenuation:** The pulse passes through the material. * **Single Sheet:** Moderate reduction in signal strength. * **Double Sheet:** Large reduction (air gaps between sheets reflect the sound). 3. **Signal Conversion:** The receiver captures the weakened wave and converts it to a millivolt signal. 4. **Amplification & Analysis:** An internal amplifier boosts the signal, and a comparator compares it against stored "Teach-in" threshold values. 5. **Output Trigger:** If the signal is below the threshold, the "Double Sheet" transistor output is activated. --- ## 4. Connection Wiring (Example) ```yaml # Standard M12 Pinout for UDS-C6-R Pin 1: L+ (24V DC) Pin 2: Output 1 (Double Sheet Detection) Pin 3: L- (0V / Ground) Pin 4: Output 2 (Single Sheet / Missing Sheet) Pin 5: Teach-in Input (Remote calibration) ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the UDS-C6-R for a new paper thickness?
    • ⤷ What is the maximum material thickness this sensor can detect?
    • ⤷ What are the common causes of false 'double sheet' readings?