UDS-BC-R/E2
AI

The **UDS-BC-R/E2** is a specialized electronic component, typically categorized as a **photoelectric sensor** or an **ultrasonic sensor** (depending on the specific manufacturer series, though most commonly associated with industrial automation sensing).
Below is the technical breakdown of its electronic components and specifications.
---
### 1. Core Electronic Specifications
The "E2" suffix usually denotes a specific wiring configuration (often PNP) and a 2-meter cable.
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 10–30V DC (Standard Industrial Range) |
| **Output Type** | PNP (Transistor Output) |
| **Switching Function** | NO/NC (Normally Open / Normally Closed) selectable |
| **Current Consumption** | ≤ 30 mA |
| **Max Load Current** | 100 mA – 200 mA |
| **Response Time** | < 500 ms (Varies by sensing distance) |
---
### 2. Internal Electronic Architecture
The device is composed of three primary electronic stages:
#### A. Transducer / Emitter Stage
* **Ultrasonic/Optical Head:** Contains either a piezoelectric ceramic crystal (if ultrasonic) or an LED/Laser diode (if photoelectric).
* **Oscillator Circuit:** Generates the high-frequency pulse sent to the transducer.
#### B. Processing Stage (ASIC)
* **Amplifier:** Boosts the weak return signal received from the target.
* **Comparator/Microcontroller:** Compares the received signal against a preset threshold (the "Teach-in" value).
* **Filtering:** Electronic noise suppression to prevent false triggers from ambient light or vibrations.
#### C. Output Stage
* **Switching Transistor:** A PNP transistor acts as a solid-state switch. When the object is detected, the transistor closes the circuit between the positive supply and the signal wire.
* **Protection Circuitry:** Includes Reverse Polarity Protection, Short-circuit protection, and Overload protection.
---
### 3. Wiring Configuration (E2 Standard)
The **E2** designation usually refers to a 3-wire or 4-wire DC setup.
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | +Vcc | Positive power supply (10-30V) |
| **Blue** | 0V / GND | Negative power supply / Common |
| **Black** | Output (NO) | PNP Switching signal |
| **White** | Teach/NC | Programming wire or NC output |
---
### 4. Key Electronic Features
* **Teach-in Logic:** The electronics allow for "Remote Teach" by connecting the white wire to the positive or negative rail, setting the sensing window without physical potentiometers.
* **LED Indicators:**
* *Green LED:* Power supply stability.
* *Yellow LED:* Switching state (lights up when the object is detected).
* **IP67 Protection:** The electronic internals are encapsulated in resin to protect against moisture and dust.
- ⤷
What is the maximum sensing range for the UDS-BC-R/E2 model?
- ⤷ How do I configure the Teach-in function via the white wire?
- ⤷ Can this sensor be used in NPN logic systems with a converter?