công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UDS-21-R

  • AI
    The **UDS-21-R** typically refers to a high-precision **Ultrasonic Doppler Sensor** or a specialized **Ultrasonic Level/Distance Transmitter**. Below is an overview of its core electronic components, their functions, and typical specifications. --- ### 1. Key Electronic Components The UDS-21-R is an integrated system consisting of several key electronic layers: | Component | Description | Function | | :--- | :--- | :--- | | **Ultrasonic Transducer** | Piezoelectric crystal (usually Lead Zirconate Titanate). | Converts electrical energy into high-frequency sound waves and vice versa. | | **Microcontroller (MCU)** | High-speed embedded processor. | Handles signal timing, calculates Time-of-Flight (ToF), and manages outputs. | | **Signal Amplifier** | Operational Amplifiers (Op-Amps) with low noise. | Boosts weak returning echoes (echo processing) for the MCU to read. | | **Temperature Sensor** | Integrated thermistor or digital sensor. | Compensates for changes in the speed of sound due to air temperature. | | **Output Interface** | Analog (4-20mA) or Digital (RS485/Modbus). | Transmits the processed measurement data to a PLC or controller. | --- ### 2. Electronic Working Principle The electronic circuitry follows a specific cycle to ensure accurate measurement: 1. **Pulse Generation:** The MCU triggers a pulse generator that sends a high-voltage burst to the **Piezoelectric Transducer**. 2. **Transmission:** The transducer vibrates, sending an ultrasonic wave (typically 40kHz to 200kHz) toward the target. 3. **Echo Reception:** The "ringing" of the transducer stops, and it switches to "listening" mode. When the reflected wave hits the transducer, it creates a small voltage. 4. **Signal Conditioning:** The electronic filters remove background noise (EMI/RFI) and amplify the echo. 5. **Digital Processing:** The MCU calculates the distance using the formula: `Distance = (Speed of Sound × Time) / 2` 6. **Compensation:** The internal electronics adjust the result based on the real-time temperature reading. --- ### 3. Technical Specifications (Electronic) Typical electronic parameters found in the UDS-21-R series: * **Supply Voltage:** 12V - 24V DC. * **Power Consumption:** < 1.2W (Low power design for industrial loops). * **Signal Output:** 4–20mA (Current Loop) or RS-485 Modbus RTU. * **Resolution:** 1mm to 3mm (depending on range). * **Protection Circuitry:** Reverse polarity protection, surge protection (TVS diodes), and short-circuit protection. --- ### 4. Connectivity and Pinout The UDS-21-R usually features a multi-pin connector (like an M12) or a terminal block: 1. **V+**: Positive Power Supply. 2. **V- / GND**: Common Ground. 3. **Out**: Analog Signal (4-20mA). 4. **A / B (Optional)**: RS485 Communication lines for digital configuration.
    ✨ Follow-up Questions
    • ⤷ How does the UDS-21-R handle signal interference in turbulent environments?
    • ⤷ What are the specific wiring requirements for the 4-20mA loop?
    • ⤷ Can the UDS-21-R be programmed via PC software or a local display?