công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UDS-1A-R

  • AI
    The **UDS-1A-R** is an electronic module specifically categorized as a **Solid State Relay (SSR)** manufactured by components companies like **NTE Electronics** or **Cosmo**. It is designed to act as an electronic switch that uses semiconductors rather than mechanical contacts to control AC loads. --- ## 1. Technical Specifications The following table summarizes the key electronic characteristics of the UDS-1A-R: | Feature | Specification | | :--- | :--- | | **Relay Type** | Solid State Relay (SSR) | | **Input Type** | DC Control (Logic Level) | | **Input Voltage Range** | 3V to 32V DC | | **Output Type** | AC Switching | | **Max Load Current** | 1A to 2A (depending on thermal conditions) | | **Load Voltage Range** | 24V to 280V AC | | **Switching Type** | Zero-Cross Switching | | **Package Style** | 4-Pin SIP (Single In-line Package) | --- ## 2. Internal Electronic Components The UDS-1A-R is a complex integrated circuit consisting of several internal stages: ### A. Opto-Isolator (Input Stage) The input side contains an **Infrared LED**. When a DC voltage (3-32V) is applied, the LED lights up. This provides **optical isolation**, ensuring that the high-voltage AC side is physically separated from the low-voltage control circuit (e.g., an Arduino or PLC), protecting the controller from surges. ### B. Zero-Crossing Circuit One of the most critical features is the **Zero-Cross Detector**. This circuit ensures that the relay only switches "ON" when the AC sine wave passes through 0V. * **Benefit:** This minimizes "Inrush Current" and electromagnetic interference (EMI), extending the life of the relay and the connected load. ### C. Triac (Output Stage) The switching element is a **Triac**. Unlike a mechanical relay, it has no moving parts, meaning: * No contact arcing. * No mechanical wear (longer lifespan). * Silent operation. --- ## 3. Pin Configuration The device typically follows a standard 4-pin layout for PCB mounting: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Output (L1) | AC Load Connection | | **2** | Output (L2) | AC Load Connection | | **3** | Input (+) | Positive DC Control Signal | | **4** | Input (-) | Ground / Negative DC | --- ## 4. Typical Applications * **PID Temperature Controllers:** Due to high-speed switching capabilities. * **Industrial Automation:** Controlling solenoids or small motors. * **Home Appliances:** Interfacing microcontrollers with AC lighting or fans. * **Office Equipment:** Power management in printers and copiers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random-Phase switching in SSRs like the UDS-1A-R?
    • ⤷ Do I need a heatsink when running the UDS-1A-R at its maximum 1A current?
    • ⤷ Can the UDS-1A-R be used to switch a DC load instead of an AC load?