UDN302G-AE3-R
AI

The **UDN302G-AE3-R** is a specialized integrated circuit, primarily designed as a **Linear Hall Effect Sensor**. It is commonly manufactured by UTC (Unisonic Technologies Co., Ltd).
---
### 1. General Specifications
This device is a magnetic field sensor that outputs an analog voltage proportional to the magnetic flux density it detects.
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Linear Hall Effect Sensor IC |
| **Package Type** | SOT-23-3 (Surface Mount) |
| **Output Type** | Analog (Ratiometric) |
| **Operating Voltage** | Typically 3.0V to 6.5V |
| **Sensitivity** | High sensitivity to magnetic poles (North/South) |
| **RoHS Status** | Lead-free / Halogen-free (denoted by "G" and "R") |
---
### 2. Pin Configuration (SOT-23-3)
The UDN302G typically follows a standard 3-pin layout for Hall sensors:
1. **VCC**: Power Supply (Input)
2. **GND**: Ground
3. **VOUT**: Analog Output Voltage
---
### 3. Key Functional Features
* **Ratiometric Output**: The output voltage is set by the supply voltage and varies in direct proportion to the strength of the magnetic field.
* **Quiescent Voltage**: When no magnetic field is present (0 Gauss), the output is typically half of the supply voltage ($V_{CC} / 2$).
* **Temperature Stability**: It includes internal temperature compensation circuitry to ensure accuracy across a wide range of operating temperatures.
* **Low Noise**: The internal design minimizes electrical noise to provide a clean signal for microcontrollers (ADCs).
---
### 4. Part Number Decoding
The suffix provides specific manufacturing details:
* **UDN302**: Base Part Number (Linear Hall Sensor).
* **G**: Halogen-Free and Lead-Free (Green).
* **AE3**: Package code for SOT-23.
* **R**: Tape and Reel (Packaging method).
---
### 5. Common Applications
* **Current Sensing**: Measuring the magnetic field around a wire to determine current flow.
* **Position Sensing**: Determining the proximity or displacement of a magnet in mechanical systems.
* **Motor Control**: Detecting the position of rotors in brushless DC (BLDC) motors.
* **Magnetic Code Reading**: Identifying patterns in magnetized strips.
---
- ⤷
What is the sensitivity rating (mV/G) for the UDN302G-AE3-R?
- ⤷ Can this sensor be used for digital switching applications?
- ⤷ How do I interface the VOUT pin with an Arduino or ESP32?