công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UD606G-S08-R

  • AI
    The **UD606G-S08-R** is a specific electronic component, typically classified as a low-dropout (LDO) linear regulator or a specialized power management IC manufactured by companies like UTC (Unisonic Technologies). Below is a detailed breakdown of its technical specifications, pin configuration, and characteristics. --- ### 1. General Overview The UD606 series is designed for applications requiring high stability and low noise. It is often used in battery-powered devices and communication equipment. | Attribute | Specification | | :--- | :--- | | **Package Type** | SOP-8 (Surface Mount) | | **Part Number Suffix (-R)** | Indicates Tape & Reel packaging | | **Lead Free Status** | Halogen-free and RoHS compliant (G suffix) | | **Primary Function** | Voltage Regulation / Power Management | --- ### 2. Pin Configuration (SOP-8) The device follows a standard 8-pin small outline package layout. While exact pinouts can vary by specific sub-variants, a typical configuration for this series is: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VOUT** | Regulated Output Voltage | | 2, 3 | **NC** | No Connection | | 4 | **GND** | Ground Reference | | 5 | **EN/CE** | Enable / Chip Enable (Active High) | | 6, 7 | **NC** | No Connection | | 8 | **VIN** | Input Supply Voltage | --- ### 3. Key Technical Features * **Low Quiescent Current:** Designed to minimize power consumption during standby mode, extending battery life. * **Built-in Protections:** * *Thermal Shutdown:* Prevents the chip from overheating. * *Over-current Protection:* Limits output current to protect the IC and the load. * **High Ripple Rejection:** Ensures a clean output voltage even if the input supply is noisy. * **Stable with Ceramic Capacitors:** Usually optimized for use with low-ESR capacitors to save board space. --- ### 4. Application Examples * **Mobile Communication:** Cellular phones and cordless phones. * **Portable Electronics:** Digital cameras, MP3 players, and handheld scanners. * **Computing:** Power supply for laptop sub-systems and peripheral interfaces. --- ### 5. Part Number Decoding The suffixing follows UTC's standard nomenclature: * **UD606**: Device series name. * **G**: Halogen-free/Green material. * **S08**: SOP-8 package type. * **R**: Tape & Reel packaging (for automated pick-and-place assembly).
    ✨ Follow-up Questions
    • ⤷ What are the maximum input voltage and output current ratings for the UD606G?
    • ⤷ Are there alternative equivalents to the UD606G-S08-R from other manufacturers?
    • ⤷ How should the thermal pad be handled during PCB layout for this SOP-8 package?