UCS221G-AG6-R
AI

## Technical Overview: UCS221G-AG6-R
The **UCS221G-AG6-R** is a specialized electronic component, typically classified as a **Power Distribution Switch** or a specific type of **Voltage Regulator/Current Limiter** manufactured by UTC (Unisonic Technologies).
It is designed to protect circuits from overcurrent and short-circuit conditions, commonly used in USB power applications or battery-powered devices.
---
### 1. Key Technical Specifications
| Parameter | Description | Typical Value |
|:---|:---|:---|
| **Function** | Current-Limited Power Switch | High-side switch |
| **Input Voltage Range** | Operating supply voltage | 2.7V to 5.5V |
| **Current Limit** | Protection threshold | Adjustable or Fixed (approx. 2A) |
| **On-Resistance ($R_{DS(ON)}$)** | Internal switch resistance | ~70 mΩ to 100 mΩ |
| **Package Type** | Surface mount footprint | SOT-26 / SOT-23-6 |
| **Operating Temp** | Thermal range | -40°C to +85°C |
---
### 2. Major Internal Components
The UCS221G-AG6-R integrates several functional blocks into a single silicon die:
1. **N-Channel MOSFET:** The main power switch that connects the input (VIN) to the output (VOUT).
2. **Charge Pump:** Since it uses an N-channel MOSFET as a high-side switch, it includes an internal charge pump to generate a gate voltage higher than VIN.
3. **Current Sense Circuitry:** Continuously monitors the load current to prevent damage during overloads.
4. **Thermal Shutdown:** A sensor that turns the switch off if the chip temperature exceeds a safe limit (usually around 150°C).
5. **Under-Voltage Lockout (UVLO):** Ensures the device remains off if the input voltage is too low to operate reliably.
---
### 3. Pin Configuration (Typical SOT-26)
| Pin Number | Name | Description |
|:---:|:---|:---|
| 1 | **VOUT** | Switched output voltage to the load. |
| 2 | **GND** | Ground reference. |
| 3 | **SET / ISET** | Sets the current limit threshold via an external resistor. |
| 4 | **EN / ENB** | Enable pin (Active High or Active Low depending on sub-model). |
| 5 | **FAULT** | Open-drain output that signals overcurrent or thermal shutdown. |
| 6 | **VIN** | Input supply voltage. |
---
### 4. Applications
* **USB Ports:** Protection for PC, Laptop, and Hub USB power rails.
* **Hot-Swap Supplies:** Protecting motherboards when peripherals are plugged in live.
* **Battery Chargers:** Acting as a safety disconnect in portable electronics.
---
### 5. Implementation Example
Below is a conceptual representation of how to define the status of the FAULT pin in a microcontroller environment:
```c
// Example pseudocode for monitoring UCS221G FAULT pin
#define FAULT_PIN 5
void setup() {
pinMode(FAULT_PIN, INPUT_PULLUP);
}
void loop() {
bool isFaulty = digitalRead(FAULT_PIN);
if (isFaulty == LOW) {
// The UCS221G has detected an overcurrent or over-temperature event
Disable_Main_Power();
Serial.println("System Alert: Overcurrent detected!");
}
}
```
- ⤷
What is the difference between the UCS221G and standard MOSFET switches?
- ⤷ How do I calculate the resistor value for the ISET pin?
- ⤷ Is the UCS221G-AG6-R compatible with USB 3.0 power delivery standards?