công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UCS16005SL-S08-R

  • AI
    ## UCS16005SL-S08-R: Technical Overview The **UCS16005SL-S08-R** is a specialized power management integrated circuit (IC) primarily used as an AC-DC secondary-side synchronous rectifier. It is designed to replace traditional Schottky diodes in Switched Mode Power Supplies (SMPS) to increase efficiency. ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Synchronous Rectification (SR) Controller | | **Package Type** | SOP-8 (Small Outline Package) | | **Typical Application** | Flyback Converters, Adapters, Chargers | | **Technology** | Secondary-side sensing and control | --- ### 2. Key Functional Parts & Internal Logic To understand how this IC works, we can break it down into its primary internal functional blocks: * **Drain Voltage Sensing (VD):** This pin monitors the voltage across the Power MOSFET. It detects when the secondary current flows through the body diode to trigger the gate. * **Gate Driver:** A high-speed driver internal to the IC that provides enough current to quickly charge/discharge the gate of an external N-channel MOSFET. * **Minimum Off-Time Logic:** This prevents false triggering caused by ringing (noise) that occurs after the primary switch turns off. * **VCC Supply:** An internal regulator allows the chip to be powered directly from the output voltage or the transformer winding. --- ### 3. Pin Configuration (SOP-8) *Typical for this series of Synchronous Rectifiers:* | Pin Number | Name | Function | | :--- | :--- | :--- | | 1-3 | **S (Source)** | Connected to the Source of the external MOSFET. | | 4 | **GATE** | Output to drive the MOSFET gate. | | 5 | **VCC** | Power supply input. | | 6 | **NC** | No internal connection. | | 7-8 | **D (Drain)** | Connected to the Drain of the external MOSFET for voltage sensing. | --- ### 4. Working Principle The UCS16005SL operates in the following sequence to reduce power loss: 1. **Detection:** When the primary side switch opens, current flows through the MOSFET's body diode. The IC senses a negative voltage drop between the Drain and Source. 2. **Turn-On:** The IC immediately pulls the **GATE** high, turning on the MOSFET channel. Since the MOSFET channel has a lower resistance ($R_{DS(on)}$) than the body diode, heat dissipation drops significantly. 3. **Turn-Off:** As the secondary current decreases toward zero, the IC senses the voltage approaching a threshold (near 0V) and pulls the **GATE** low to prevent reverse current flow. --- ### 5. Application Advantages * **High Efficiency:** Reduces the forward voltage drop from ~0.5V (Schottky) to <0.1V (MOSFET). * **Lower Temperature:** Enhances thermal performance, often allowing for smaller heatsinks. * **Integration:** Minimal external components required (usually just a VCC capacitor).
    ✨ Follow-up Questions
    • ⤷What are the recommended external N-channel MOSFETs for this IC?
    • ⤷ How does the minimum off-time logic prevent false triggering?
    • ⤷ Can this IC be used in Continuous Conduction Mode (CCM) flyback designs?