công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UCD2A331M

  • AI
    The **UCD2A331M** is a high-performance **Aluminum Electrolytic Capacitor** part of the **UCD series** manufactured by **Nichicon**. This series is specifically designed for surface-mount (SMD) applications requiring low impedance and high reliability. --- ## 1. Technical Specifications The part number `UCD2A331M` follows a specific coding convention that defines its electrical characteristics: | Parameter | Value / Detail | | :--- | :--- | | **Capacitance** | 330 µF | | **Rated Voltage** | 100V DC | | **Series** | UCD (Chip type, Low Impedance) | | **Tolerance** | ±20% (at 120Hz, 20°C) | | **Operating Temperature** | -55°C to +105°C | | **Endurance** | 2,000 to 5,000 hours (depending on size/temp) | | **Mounting Type** | Surface Mount (SMD / Chip) | | **RoHS Compliant** | Yes | --- ## 2. Key Features The UCD series is highly regarded in industrial electronics for the following reasons: * **Low Impedance:** It is designed to minimize resistance, making it efficient for high-frequency applications. * **Reflow Soldering:** It is compatible with lead-free automatic mounting processes. * **Size Efficiency:** Offers a high capacitance-to-volume ratio compared to standard electrolytic capacitors. * **Durability:** Rated for up to 5,000 hours at its maximum temperature (105°C), ensuring a long lifespan in stressed environments. --- ## 3. Typical Applications The UCD2A331M is commonly found in circuits where power stability and noise filtering are critical: 1. **DC-DC Converters:** Used for smoothing output voltage ripples. 2. **Automotive Electronics:** Suitable for onboard chargers or infotainment systems due to its temperature range. 3. **Industrial Power Supplies:** Acts as a bulk decoupling capacitor to prevent voltage drops. 4. **Telecommunications:** Used in base stations and networking hardware. --- ## 4. Part Number Breakdown Understanding the Nichicon nomenclature: | Code Segment | Meaning | | :--- | :--- | | **UCD** | Series Name (Low Impedance, SMD) | | **2A** | Voltage Rating (2A = 100V) | | **331** | Capacitance (33 + one zero = 330µF) | | **M** | Tolerance (M = ±20%) |
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the UCD2A331M package?
    • ⤷ How does the UCD series compare to the UZ series in terms of lifespan?
    • ⤷ What is the specific ripple current rating for this capacitor?