công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UB209AL-AF-P08-R

  • AI
    The **UB209AL-AF-P08-R** is a specific integrated circuit manufactured by **UTC (Unisonic Technologies)**. It is primarily used as a high-performance **Audio Power Amplifier**, specifically designed for low-voltage applications like portable audio devices. --- ### 1. General Specifications The following table summarizes the key electrical and physical parameters of this component: | Feature | Description | | :--- | :--- | | **Component Type** | Audio Power Amplifier (Mono/Bridge-Tied Load) | | **Package Type** | SOP-8 (P08) | | **Output Power** | Typically ~1.1W to 1.5W into an 8Ω load | | **Operating Voltage** | 2.0V to 6.0V (Optimized for 5V systems) | | **Quiescent Current** | Low (ideal for battery-powered devices) | | **Shutdown Mode** | Supported (reduced power consumption when idle) | --- ### 2. Part Number Breakdown The suffixing in UTC part numbers provides specific details about the manufacturing and packaging: * **UB209A**: The base model/series (Audio Amplifier). * **L**: Lead-free/RoHS compliant. * **AF**: Internal specific versioning or gain characteristics. * **P08**: SOP-8 Package (Small Outline Package with 8 pins). * **R**: Tape and Reel packaging (delivery method for automated assembly). --- ### 3. Key Features and Protections The UB209AL-AF-P08-R is designed to be robust and easy to integrate with minimal external components. * **BTL (Bridge-Tied Load) Architecture:** This allows the chip to deliver higher power without the need for large output coupling capacitors. * **Thermal Shutdown Protection:** Prevents the chip from burning out if it overheats during heavy use. * **Unity-Gain Stability:** It can be configured for different gain levels using external resistors without becoming unstable. * **Pop/Click Suppression:** Circuitry is included to prevent "popping" sounds when the device is powered on or off. --- ### 4. Typical Application Circuit In a standard design, the chip is wired as follows: ```c [Input Signal] ----> [Input Capacitor] ----> Pin 4 (-IN) [VCC (5V)] ----> Pin 6 [GND] ----> Pin 7 [Speaker +] ----> Pin 5 (VO1) [Speaker -] ----> Pin 8 (VO2) ``` --- ### 5. Common Uses 1. **Portable Speakers:** Small Bluetooth or wired audio boxes. 2. **Laptops/Tablets:** Internal speaker amplification. 3. **Handheld Gaming Devices:** Driving small 8-ohm speakers. 4. **IoT Devices:** Providing voice feedback or alerts.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the UB209A series?
    • ⤷ What is the maximum thermal dissipation for the SOP-8 package version?
    • ⤷ Can this chip be used to drive a 4-ohm speaker safely?