U74LVC640G-P20-R
AI

### Overview of U74LVC640G-P20-R
The **U74LVC640G-P20-R** is a high-performance, low-voltage CMOS octal bus transceiver designed for asynchronous two-way communication between data buses. It is characterized by its inverted 3-state outputs and low power consumption.
---
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | LVC (Low-Voltage CMOS) |
| **Function** | Octal Bus Transceiver (Inverting) |
| **Operating Voltage Range** | 1.2V to 3.6V |
| **Output Type** | 3-State (Inverting) |
| **Package Type** | TSSOP-20 (Thin Shrink Small Outline Package) |
| **Current Drive** | ±24 mA at 3.0V |
| **Propagation Delay** | Max ~6.5 ns (at 3.3V) |
---
### Functional Components & Pinout Features
The device consists of eight channels of bus transceivers. Below is the breakdown of its control logic:
1. **Direction Control (DIR):**
* Determines the direction of data flow (A to B or B to A).
2. **Output Enable ($\overline{OE}$):**
* When **Low**, the device is active.
* When **High**, the outputs are in a high-impedance state (isolated), effectively disconnecting the buses.
3. **Inverting Logic:**
* Unlike the '245 series, the '640 series **inverts** the signal from the input to the output.
#### Logic Truth Table
| $\overline{OE}$ | DIR | Operation |
| :---: | :---: | :--- |
| L | L | B data to A bus (Inverted) |
| L | H | A data to B bus (Inverted) |
| H | X | Isolation (High-Z) |
---
### Key Technical Features
* **$I_{off}$ Support:** The device supports partial power-down mode, which prevents damaging backflow current when the device is powered down.
* **5V Tolerance:** The inputs and outputs are 5V tolerant when the device is operating at 3.3V, allowing it to act as a level shifter in mixed-voltage systems.
* **Low Noise:** Designed to minimize ground bounce and power supply noise during switching.
---
### Application Scenarios
* **Interfacing:** Used between different logic families (e.g., interfacing 3.3V microcontrollers with 5V peripherals).
* **Bus Extension:** Driving high-capacitance loads on backplanes or long bus lines.
* **Data Buffering:** Providing signal isolation to protect sensitive components during power cycles.
- ⤷
What are the main differences between the U74LVC640 and the U74LVC245?
- ⤷ Can this part be used for bidirectional level shifting between 1.8V and 3.3V?
- ⤷ What does the 'G-P20-R' suffix indicate regarding packaging and environmental standards?