công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • U74LVC2G34G-AL6-R

  • AI
    ## Technical Overview: U74LVC2G34G-AL6-R The **U74LVC2G34G-AL6-R** is a high-performance, low-voltage CMOS device containing **two independent non-inverting buffers**. It is widely used in digital logic circuits for signal buffering, level shifting, and increasing drive strength. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the component: | Parameter | Specification | |:---|:---| | **Logic Type** | Buffer / Line Driver (Non-Inverting) | | **Number of Elements** | 2 Independent Channels | | **Supply Voltage (Vcc)** | 1.65V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±24 mA (at 3.0V) | | **Propagation Delay ($t_{pd}$)** | ~3.3 ns (at 3.3V, typical) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-363 (AL6) | --- ### 2. Functional Features * **Dual Buffer Configuration:** It consists of two separate gates. Each gate performs the Boolean function $Y = A$. * **Ioff Circuitry:** Supports partial-power-down mode operation. When the device is powered down, the outputs are disabled, preventing damaging backflow current into the device. * **High Drive Capability:** Designed to drive balanced loads with relatively high current for its size. * **Overvoltage Tolerant Inputs:** The inputs are tolerant to voltages up to 5.5V, regardless of the operating Vcc, making it ideal for **downward level translation** (e.g., 5V logic to 3.3V logic). --- ### 3. Pin Configuration (SOT-363) The device typically follows a standard 6-pin layout for dual-gate logic: | Pin Number | Symbol | Description | |:---:|:---:|:---| | 1 | 1A | Data Input (Gate 1) | | 2 | GND | Ground | | 3 | 2A | Data Input (Gate 2) | | 4 | 2Y | Data Output (Gate 2) | | 5 | Vcc | Supply Voltage | | 6 | 1Y | Data Output (Gate 1) | --- ### 4. Typical Applications * **Signal Integrity:** Used to "clean up" weak or distorted digital signals over long PCB traces. * **Isolation:** Providing isolation between different stages of a circuit to prevent noise or loading issues. * **Level Shifting:** Translating a high-voltage logic signal (5V) to a lower-voltage domain (1.8V - 3.3V). * **LED Driving:** Driving small indicator LEDs directly from a microcontroller pin. --- ### 5. Part Number Breakdown * **U74LVC**: Low-voltage CMOS family. * **2G34**: Dual (2) Non-inverting Buffer (34). * **G**: Halogen-free / Green material. * **AL6**: Package code (SOT-363). * **R**: Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ How does the propagation delay change when the supply voltage is lowered to 1.8V?
    • ⤷ Can this part be used for upward level translation from 1.8V to 5V?
    • ⤷ What is the maximum input voltage allowed on the 'A' pins?