U74LVC2G17G-AL6-R
AI

## Technical Overview of U74LVC2G17G-AL6-R
The **U74LVC2G17G-AL6-R** is a high-performance, low-voltage CMOS device featuring two independent Schmitt-trigger buffers. It is widely used in digital electronics to clean up noisy signals and provide level shifting.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | Dual Non-Inverting Schmitt-Trigger Buffer |
| **Logic Family** | LVC (Low Voltage CMOS) |
| **Operating Voltage (Vcc)** | 1.65V to 5.5V |
| **Output Current (Ioh/Iol)** | ±24 mA (at 3.3V) |
| **Propagation Delay** | ~3.3 ns (at 3.3V) |
| **Package Type** | SOT-363 / SC-70-6 |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Characteristics
The "17" in the part number signifies a **Schmitt-Trigger** input. This is the most critical feature of this electronic part:
* **Hysteresis:** It has different input threshold levels for positive-going and negative-going signals. This allows it to transform slowly changing or noisy input signals into sharply defined, jitter-free digital output signals.
* **I-off Protection:** Supports partial-power-down mode operation. This prevents damaging backflow current through the device when it is powered down.
* **Overvoltage Tolerance:** Inputs are tolerant to voltages up to 5.5V, regardless of the supply voltage (Vcc), making it an excellent candidate for **Voltage Level Translation**.
---
### 3. Pin Configuration (SOT-363)
| Pin Number | Symbol | Description |
| :---: | :--- | :--- |
| 1 | 1A | Data Input 1 |
| 2 | GND | Ground |
| 3 | 2A | Data Input 2 |
| 4 | 2Y | Data Output 2 |
| 5 | Vcc | Supply Voltage |
| 6 | 1Y | Data Output 1 |
---
### 4. Common Applications
The U74LVC2G17 is typically integrated into circuits for the following purposes:
1. **Signal Debouncing:** Used with mechanical switches to eliminate "bounce" noise.
2. **Pulse Shaping:** Squaring up rounded pulses caused by long transmission lines or high capacitance.
3. **Logic Level Shifting:** Translating a 5V logic signal down to a 3.3V or 1.8V logic level.
4. **Clock Buffering:** Distributing a clock signal to multiple points on a PCB while maintaining signal integrity.
---
### 5. Part Number Breakdown (UTC Naming Convention)
* **U74LVC:** Low Voltage CMOS Logic Series.
* **2G:** Dual Gate (contains two independent buffers).
* **17:** Function (Schmitt-Trigger Buffer).
* **G:** Halogen-free and Lead-free (Green).
* **AL6:** Package code (typically refers to SOT-363).
* **R:** Tape and Reel packaging.
- ⤷What is the specific hysteresis voltage for this chip at 3.3V?
- ⤷ Can this device be used to shift a 1.8V signal up to 5V?
- ⤷ How does the U74LVC2G17 differ from a standard U74LVC2G07 buffer?