công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • U74LVC2G158L-S08-R

  • AI
    The **U74LVC2G158L-S08-R** is a high-performance, low-voltage CMOS device featuring a dual 2-line to 1-line multiplexer. It is designed for high-speed, low-power applications where signal switching or routing is required. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Function** | Dual 2-Line to 1-Line Data Selector/Multiplexer | | **Technology** | LVC (Low Voltage CMOS) | | **Operating Voltage (Vcc)** | 1.65V to 5.5V | | **Logic Type** | Inverting (The output is the complement of the selected input) | | **Package Type** | SOP-8 / MSOP-8 (S08 suffix) | | **Output Drive Capacity** | ±24 mA at 3.0V | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Description The U74LVC2G158 consists of two independent multiplexers. For each multiplexer, a common select input (**S**) determines which data input (**I0** or **I1**) is routed to the output (**Y**). **Note on Inversion:** This specific part number is an **inverting** multiplexer. If input `I0` is selected and it is HIGH, the output `Y` will be LOW. #### Truth Table (For one channel) | Control (S) | Input (I0) | Input (I1) | Output (Y) | |:---:|:---:|:---:|:---:| | L | L | X | **H** | | L | H | X | **L** | | H | X | L | **H** | | H | X | H | **L** | *(L = Low, H = High, X = Don't Care)* --- ### 3. Pin Configuration (Typical SOP-8) Typically, the pinout for a "2G158" dual multiplexer is arranged as follows: 1. **1S**: Common Select for Mux 1 2. **1I0**: Data Input 0 for Mux 1 3. **1I1**: Data Input 1 for Mux 1 4. **GND**: Ground 5. **2Y**: Inverted Output of Mux 2 6. **2I1**: Data Input 1 for Mux 2 7. **2I0**: Data Input 0 for Mux 2 8. **Vcc**: Supply Voltage --- ### 4. Features and Advantages * **Ioff Circuitry:** Supports partial power-down mode. When the device is powered down, the inputs and outputs are high-impedance, preventing backflow current from damaging the device. * **High Speed:** Propagation delay is typically around 3.0ns to 5.0ns (depending on Vcc), making it suitable for high-speed data routing. * **Wide Vcc Range:** Compatible with 1.8V, 2.5V, 3.3V, and 5V logic systems. --- ### 5. Common Applications * **Signal Routing:** Switching between two different clock sources or data streams. * **Control Logic:** Implementing basic Boolean functions in compact PCB layouts. * **Mobile Devices:** Due to low power consumption and small SOP-8/TSSOP-8 footprints.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 74LVC2G158 and the 74LVC2G157?
    • ⤷ How does the 'Ioff' feature protect a circuit during power-down?
    • ⤷ What are the recommended decoupling capacitor values for this IC?