công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • U74LVC245L-P20-R

  • AI
    ## Detailed Overview of U74LVC245L-P20-R The **U74LVC245L-P20-R** is a high-performance, low-voltage CMOS octal bus transceiver. It is designed for asynchronous two-way communication between data buses. This component is widely used in systems requiring voltage level translation and high-speed data buffering. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Octal Bus Transceiver (3-State) | | **Logic Family** | LVC (Low Voltage CMOS) | | **Operating Voltage (Vcc)** | 1.65V to 3.6V | | **Output Current** | ±24 mA at 3.0V | | **Propagation Delay** | ~3.5 ns (typical at 3.3V) | | **Package Type** | TSSOP-20 (Thin Shrink Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The device contains eight independent channels that can transmit data in either direction (A to B or B to A), controlled by specific logic pins: * **DIR (Direction Control):** Determines the data flow direction. * **High (H):** Data flows from A-bus to B-bus. * **Low (L):** Data flows from B-bus to A-bus. * **$\overline{OE}$ (Output Enable):** An active-low pin that controls the output state. * **Low (L):** Device is active; data is transmitted. * **High (H):** Both A and B ports enter a high-impedance (Hi-Z) state, effectively isolating the buses. --- ### 3. Pin Configuration (TSSOP-20) Below is a conceptual mapping of the 20-pin layout: | Pin # | Symbol | Description | | :--- | :--- | :--- | | 1 | DIR | Direction Control Pin | | 2 to 9 | A1 to A8 | Data Input/Output (Port A) | | 10 | GND | Ground (0V) | | 11 to 18 | B8 to B1 | Data Input/Output (Port B) | | 19 | $\overline{OE}$ | Output Enable (Active Low) | | 20 | Vcc | Supply Voltage | --- ### 4. Distinctive Features * **Voltage Translation:** The device allows for 5V tolerant inputs when operating at 3.3V, making it an excellent interface between different voltage domains (e.g., 3.3V MCU to 5V peripheral). * **Ioff Circuitry:** Supports partial power-down mode. When the device is powered down, the outputs are disabled, preventing damaging backflow current into the device. * **Low Power Consumption:** Typical of CMOS technology, it draws very little static current (ICC). --- ### 5. Application Circuit Example To use this chip to buffer data from a 3.3V Processor to a 3.3V Sensor bus: ```text Connect: 1. Vcc to 3.3V 2. GND to System Ground 3. DIR to MCU GPIO (High for Write, Low for Read) 4. /OE to MCU GPIO (Low to enable communication) 5. A1-A8 to MCU Data Bus 6. B1-B8 to Sensor Data Bus ```
    ✨ Follow-up Questions
    • ⤷What is the difference between LVC and LVT logic families?
    • ⤷ Can this chip be used to convert 1.8V logic to 5V logic?
    • ⤷ What are the advantages of the TSSOP-20 package over the SOIC-20?