công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • U74LVC244L-P20-R

  • AI
    ## Analysis of the U74LVC244L-P20-R Integrated Circuit The **U74LVC244L-P20-R** is a high-performance CMOS octal buffer and line driver designed for low-voltage operation. It is commonly used to drive bus lines or buffer memory address registers. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Function** | Octal Buffer/Line Driver with 3-State Outputs | | **Technology** | Low-Voltage CMOS (LVC) | | **Channels** | 8-Bit (organized as two 4-bit groups) | | **Package Type** | TSSOP-20 (Thin Shrink Small Outline Package) | | **Logic Family** | 74LVC | --- ### 2. Technical Parameters | Parameter | Value / Range | | :--- | :--- | | **Supply Voltage (Vcc)** | 1.2V to 3.6V | | **Input Voltage Tolerance** | Up to 5.5V (Allows 5V to 3.3V translation) | | **Output Current ($I_{OH}/I_{OL}$)** | ±24 mA at 3.0V | | **Operating Temperature** | -40°C to +85°C (Standard Industrial) | | **Propagation Delay** | ~6.5 ns (max @ 3.3V) | --- ### 3. Key Pin Functions The device consists of two 4-bit buffers with separate Output Enable ($\overline{OE}$) controls. When $\overline{OE}$ is LOW, data passes from inputs (A) to outputs (Y). When HIGH, the outputs are in a high-impedance state (Hi-Z). * **1$\overline{OE}$, 2$\overline{OE}$**: Output Enable pins (Active Low). * **1A1-1A4, 2A1-2A4**: Data Inputs. * **1Y1-1Y4, 2Y1-2Y4**: Data Outputs. * **Vcc**: Power Supply. * **GND**: Ground. --- ### 4. Application Use Cases 1. **Voltage Level Shifting**: Because the inputs are 5.5V tolerant, this chip can be used to interface 5V logic signals with 3.3V systems. 2. **Bus Driving**: Providing the necessary current to drive multiple components connected to a single data bus. 3. **Signal Isolation**: Using the 3-state outputs to disconnect sections of a circuit from a shared bus to prevent data contention. --- ### 5. Part Number Breakdown (UTC Naming Convention) ```text U74LVC244L - P20 - R | | | | | | | +-- Tape & Reel Packaging | | +-------- TSSOP-20 Package | +--------------- Functional Code (Octal Buffer) +-------------------- Unisonic Technologies (UTC) Prefix ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 74LVC244 and the 74HCT244?
    • ⤷ Can this IC be used for bidirectional data communication?
    • ⤷ What is the maximum current consumption of this part in standby mode?