U74LVC1G19G-AL6-R
AI

The **U74LVC1G19G-AL6-R** is a high-performance CMOS logic integrated circuit. Specifically, it is a **1-of-2 Decoder/Demultiplexer** designed for low-voltage operation with high output drive capability.
---
### 1. General Specifications
Below is a breakdown of the key technical parameters for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | Decoder / Demultiplexer |
| **Configuration** | 1-of-2 (1 Line to 2 Lines) |
| **Supply Voltage (Vcc)** | 1.65V to 5.5V |
| **Output Current** | ±24 mA (at 3.3V) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOT-363 (AL6) |
| **Propagation Delay** | ~3.0 ns (at 3.3V) |
---
### 2. Functional Description
The device functions as a demultiplexer where a single input signal is routed to one of two outputs based on a selection pin. It also includes an "Enable" pin to turn the outputs on or off.
#### Logic Table
| Inputs (Enable) | Inputs (Select) | Output Y0 | Output Y1 |
| :---: | :---: | :---: | :---: |
| L | L | **L** | H |
| L | H | H | **L** |
| H | X | H | H |
*Note: **L** = Low Voltage, **H** = High Voltage, **X** = Don't Care.*
---
### 3. Key Features
* **Wide Voltage Range:** Compatible with modern 1.8V, 2.5V, 3.3V, and 5V systems.
* **Ioff Circuitry:** Supports partial power-down mode operation. This prevents damaging backflow current when the device is powered down.
* **High Drive:** Capable of driving heavy capacitive loads or long PCB traces.
* **Small Footprint:** The SOT-363 package is ideal for space-constrained mobile and consumer electronics.
---
### 4. Typical Applications
1. **Address Decoding:** Routing data to specific memory banks or peripherals.
2. **Signal Routing:** Switching a single data stream between two different paths.
3. **Digital Logic Compression:** Reducing the number of GPIO pins required on a microcontroller to control multiple devices.
---
### 5. Package Information (SOT-363)
The "AL6" suffix refers to the 6-pin SOT-363 package.
```text
Pin Configuration:
1. Select (A)
2. Enable (E)
3. Output (Y1)
4. GND
5. Output (Y0)
6. VCC
```
- ⤷
What is the difference between the LVC and HC logic families?
- ⤷ Can this chip be used for voltage level translation between 1.8V and 3.3V?
- ⤷ How does the 'Ioff' feature protect the circuit during power-down?