công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • U74LVC1G17L-AF5-R

  • AI
    ## Detailed Overview of U74LVC1G17L-AF5-R The **U74LVC1G17L-AF5-R** is a high-performance, single-gate CMOS device. Specifically, it is a **Single Schmitt-Trigger Buffer**. This component is widely used in digital electronics to "clean up" noisy signals or to provide level shifting and delay. --- ### 1. Key Technical Specifications Below are the core electrical and physical parameters for this specific part: | Parameter | Specification | | :--- | :--- | | **Logic Type** | Schmitt-Trigger Buffer | | **Technology** | LVC (Low-Voltage CMOS) | | **Supply Voltage ($V_{CC}$)** | 1.65V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±24mA at 3.0V | | **Package Type** | SOT-25 (AF5) | | **Operating Temperature** | -40°C to +85°C | | **Propagation Delay** | ~4.0ns (Typical at 3.3V) | --- ### 2. Functional Features * **Schmitt-Trigger Action:** The input has different threshold levels for rising and falling signals (hysteresis). This allows the chip to transform slowly changing or noisy input signals into sharply defined, jitter-free output signals. * **$I_{off}$ Circuitry:** Supports partial-power-down mode. When the device is powered down, the outputs are disabled, preventing damaging current backflow into the device. * **High Drive Capability:** Capable of driving up to 24mA, making it suitable for driving long PCB traces or multiple logic inputs. * **Broad Voltage Range:** Operates across all common logic rails (1.8V, 2.5V, 3.3V, and 5V). --- ### 3. Pin Configuration (SOT-25) The device typically follows the standard 5-pin configuration for single-gate logic: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | NC | No Connection | | 2 | A | Data Input | | 3 | GND | Ground (0V) | | 4 | Y | Data Output | | 5 | $V_{CC}$ | Supply Voltage | --- ### 4. Part Number Breakdown The part number follows a specific nomenclature used by manufacturers (commonly **Unisonic Technologies - UTC**): * **U74LVC**: Logic Family (Low Voltage CMOS). * **1G17**: Function (1 Gate, Schmitt-Trigger Buffer). * **L**: Lead-free/Halogen-free. * **AF5**: Package code for SOT-25. * **R**: Tape and Reel packaging. --- ### 5. Common Applications 1. **Signal Conditioning:** Removing noise from mechanical switches (Debouncing). 2. **Level Shifting:** Translating signals between different voltage domains (e.g., 1.8V to 3.3V). 3. **Clock Distribution:** Providing a clean clock signal to various parts of a circuit. 4. **Pulse Shapers:** Restoring square waves that have become distorted due to transmission line effects.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard buffer and a Schmitt-trigger buffer?
    • ⤷ Can the U74LVC1G17 handle 5V input when the supply voltage is 3.3V?
    • ⤷ How does the hysteresis voltage affect signal noise immunity?