công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • U74LVC1G06L-AE5-R

  • AI
    The **U74LVC1G06L-AE5-R** is a specific electronic component belonging to the Low-Voltage CMOS (LVC) family. It is primarily used in digital circuits for signal conditioning and logic level shifting. --- ### 1. General Overview This device is a **Single Inverter Buffer with Open-Drain Output**. * **Inverter:** If the input is High ($1$), the output is Low ($0$). * **Open-Drain:** The output transistor can only pull the voltage to Ground (Logic $0$). To achieve a Logic $1$ state, an external pull-up resistor is required. This feature allows for "wired-OR" configurations and level shifting. ### 2. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Type** | Inverter, Open-Drain | | **Operating Voltage ($V_{CC}$)** | 1.65V to 5.5V | | **Input Threshold** | TTL/CMOS Compatible | | **Output Sink Current ($I_{OL}$)** | 32 mA (at 4.5V) | | **Propagation Delay** | ~3.0 ns (at 3.3V) | | **Package Type** | SOT-23-5 (indicated by AE5) | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Pin Configuration (SOT-23-5) Typically, the pinout for this 5-pin package is as follows: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | NC | No Connection | | 2 | A | Data Input | | 3 | GND | Ground (0V) | | 4 | Y | Data Output (Open-Drain) | | 5 | $V_{CC}$ | Power Supply | --- ### 4. Key Features & Applications #### Key Features: * **Over-Voltage Tolerance:** Inputs are tolerant up to 5.5V regardless of the $V_{CC}$ supply voltage. * **Power-Down Isolation ($I_{off}$):** Supports partial-power-down mode, preventing damaging backflow current when the device is powered down. * **High Drive Capability:** Can sink up to 32mA, making it suitable for driving LEDs or high-capacitance loads. #### Typical Applications: 1. **Level Shifting:** Converting a lower voltage logic signal (e.g., 1.8V) to a higher voltage (e.g., 5V) using the open-drain pull-up. 2. **LED Drivers:** Sinking current to turn on an indicator LED. 3. **Wired-OR Logic:** Connecting multiple open-drain outputs to a single line to create a multi-input NOR gate. 4. **Signal Inversion:** Simple logic inversion for control signals. --- ### 5. Part Number Breakdown * **U74LVC:** Family (Low Voltage CMOS). * **1G06:** Function (Single Gate, Inverter with Open-Drain). * **L:** Lead-free/Halogen-free. * **AE5:** SOT-23-5 Package. * **R:** Tape & Reel (Packaging method).
    ✨ Follow-up Questions
    • ⤷How do I calculate the pull-up resistor value for an open-drain output?
    • ⤷ Can this IC be used to convert 5V logic down to 3.3V?
    • ⤷ What is the difference between U74LVC1G06 and U74LVC1G04?