U74LVC17AL-P14-R
AI

The **U74LVC17AL-P14-R** is a specific integrated circuit produced by Unisonic Technologies (UTC). It belongs to the **LVC** (Low Voltage CMOS) family of logic devices.
---
### ## 1. Part Number Breakdown
Understanding the suffix helps identify the exact configuration:
| Component | Meaning |
| :--- | :--- |
| **U74LVC** | Low Voltage CMOS logic family (3.3V optimized) |
| **17** | Functional code: **Hex Schmitt-Trigger Buffers** |
| **AL** | Lead-free / Halogen-free version |
| **P14** | Package type: **TSSOP-14** |
| **R** | Packing type: **Tape & Reel** |
---
### ## 2. Core Functional Description
The device consists of **six (hex) independent buffers** with Schmitt-trigger inputs.
* **Buffering:** It amplifies the signal to ensure it can drive the next stage of a circuit.
* **Schmitt-Trigger:** This is the most critical feature. It provides **hysteresis**, meaning it has different threshold levels for rising and falling edges. This is used to "clean up" noisy or slow-rising signals into sharp, square digital pulses.
---
### ## 3. Key Technical Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 1.65V to 3.6V |
| **Input Voltage Range** | -0.5V to 5.5V (5V Tolerant) |
| **Output Current** | ±24mA (at 3.0V) |
| **Operating Temperature** | -40°C to +85°C |
| **Propagation Delay** | ~4.0ns (at 3.3V) |
---
### ## 4. Pinout Configuration (TSSOP-14)
The device has 14 pins distributed as follows:
```text
+---U---+
1A |1 14| VCC
1Y |2 13| 6A
2A |3 12| 6Y
2Y |4 11| 5A
3A |5 10| 5Y
3Y |6 9| 4A
GND |7 8| 4Y
+-------+
```
---
### ## 5. Common Applications
1. **Signal Conditioning:** Converting a slow or "mushy" analog-like signal into a crisp digital signal.
2. **Debouncing:** Used with physical buttons/switches to prevent multiple false triggers caused by mechanical contact bounce.
3. **Voltage Level Shifting:** Because the inputs are 5V tolerant even when running on 3.3V, it can be used to interface 5V logic down to 3.3V systems.
4. **Oscillators:** Can be used with external resistors and capacitors to create simple RC relaxation oscillators.
---
- ⤷What is the benefit of the '5V tolerance' feature in this chip?
- ⤷ How does Schmitt-trigger hysteresis differ from a standard logic buffer?
- ⤷ What are the PCB soldering considerations for the TSSOP-14 package?