U74HC07L-P14-R
AI

## Technical Overview: U74HC07L-P14-R
The **U74HC07L-P14-R** is a high-speed CMOS device featuring six independent **Hex Buffers/Drivers** with **Open-Drain outputs**. It is widely used in digital circuits for voltage level shifting and driving high-current loads.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | 74HC (High-speed CMOS) |
| **Function** | Hex Buffer / Driver |
| **Output Type** | Open-Drain |
| **Supply Voltage ($V_{CC}$)** | 2.0V to 6.0V |
| **Package Type** | TSSOP-14 (indicated by P14) |
| **Operating Temperature** | -40°C to +85°C |
| **Output Voltage ($V_{OH}$)** | Max 6.0V (external pull-up required) |
---
### 2. Functional Description
Unlike standard buffers that push a high voltage (logic 1) out, an **Open-Drain** output acts like a switch to ground.
* **Logic 0 (Low):** The output transistor turns on, connecting the pin to Ground ($V_{SS}$).
* **Logic 1 (High):** The output transistor turns off, putting the pin in a **High-Impedance (Hi-Z)** state.
> **Note:** To achieve a logic "High" output voltage, an external pull-up resistor must be connected between the output pin and the desired voltage rail.
---
### 3. Pin Configuration (TSSOP-14)
| Pin No. | Symbol | Description |
| :---: | :--- | :--- |
| 1 | 1A | Data Input 1 |
| 2 | 1Y | Data Output 1 |
| 3 | 2A | Data Input 2 |
| 4 | 2Y | Data Output 2 |
| 5 | 3A | Data Input 3 |
| 6 | 3Y | Data Output 3 |
| 7 | GND | Ground (0V) |
| 8 | 4Y | Data Output 4 |
| 9 | 4A | Data Input 4 |
| 10 | 5Y | Data Output 5 |
| 11 | 5A | Data Input 5 |
| 12 | 6Y | Data Output 6 |
| 13 | 6A | Data Input 6 |
| 14 | $V_{CC}$ | Supply Voltage |
---
### 4. Typical Applications
* **Level Shifting:** Converting a lower voltage logic signal (e.g., 3.3V) to a higher voltage logic (e.g., 5.0V or 6.0V) by using a pull-up resistor connected to the higher rail.
* **Driving LEDs/Relays:** Since it is a driver, it can sink more current than standard logic gates.
* **Wired-AND Logic:** Multiple open-drain outputs can be connected to a single pull-up resistor to create a logic gate without extra components.
---
### 5. Part Number Breakdown (UTC Naming Convention)
* **U74HC:** High-speed CMOS Series.
* **07:** Logic function (Hex Buffer with Open-Drain).
* **L:** Lead-free / Halogen-free.
* **P14:** Package code (TSSOP-14).
* **R:** Tape & Reel packaging.
- ⤷
What is the maximum current that the U74HC07L can sink in its output low state?
- ⤷ How do I calculate the correct pull-up resistor value for an open-drain output?
- ⤷ Can the U74HC07L be used to interface 5V logic with 3.3V logic?