công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • U74AHC245L-R20-R

  • AI
    The **U74AHC245L-R20-R** is an 8-bit bidirectional bus transceiver with 3-state outputs, designed for high-speed CMOS operations. It is commonly used to facilitate asynchronous communication between data buses. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Logic Family** | AHC (Advanced High-Speed CMOS) | | **Function** | 8-Bit Bidirectional Transceiver | | **Voltage Supply Range** | 2.0V to 5.5V | | **Output Type** | 3-State (High-Impedance when disabled) | | **Operating Temperature** | -40°C to +85°C (Standard Industrial) | | **Package Type** | TSSOP-20 (indicated by the R20 code) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ## 2. Pin Configuration & Logic The device features two main control pins that determine how data flows through the chip: ### Control Pins * **DIR (Direction Control):** Determines the direction of data flow (A to B, or B to A). * **OE (Output Enable):** When High, it places the I/O ports in a high-impedance state, effectively disconnecting the bus. ### Truth Table | OE | DIR | Operation | | :---: | :---: | :--- | | L | L | Data from B bus to A bus | | L | H | Data from A bus to B bus | | H | X | Isolation (High-Z state) | --- ## 3. Key Features * **High Speed:** Provides faster switching times compared to the standard 74HC series. * **Low Power Consumption:** Typical of CMOS technology, making it ideal for battery-powered applications. * **VCC Level Shifting:** Can be used to interface between different logic voltage levels (e.g., 5V to 3.3V) depending on the VCC supply. * **Noise Immunity:** Designed with hysteresis to provide clean signals in noisy environments. --- ## 4. Typical Applications 1. **Level Shifting:** Interfacing a 3.3V MCU with 5V peripherals. 2. **Bus Buffering:** Strengthening signals that need to travel across long PCB traces or drive multiple loads. 3. **Isolation:** Temporarily disconnecting a sub-system from the main data bus to reduce power or prevent data collisions.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the AHC and HCT logic families?
    • ⤷ Can you provide a wiring diagram example for level shifting using this chip?
    • ⤷ What is the maximum current output per channel for the U74AHC245L?