công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • U74AHC1G02L-AF5-R

  • AI
    ### U74AHC1G02L-AF5-R Overview The **U74AHC1G02L-AF5-R** is a high-speed, low-voltage CMOS device. Specifically, it is a **2-input NOR Gate** housed in a small footprint package, typically used for logic level shifting, signal gating, or simple Boolean operations in space-constrained electronic designs. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Type** | NOR Gate | | **Number of Inputs** | 2 | | **Number of Channels** | 1 (Single Gate) | | **Supply Voltage ($V_{CC}$)** | 2.0V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±8 mA | | **Propagation Delay** | ~3.6ns to 7.5ns (at 5V) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-25 / SOT-23-5 | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify specific features: * **U74AHC**: Part of the Advanced High-Speed CMOS family. * **1G02**: Represents a **Single (1G)** gate of the **02 (NOR)** type. * **L**: Lead-free / RoHS compliant. * **AF5**: Refers to the package code (SOT-25). * **R**: Tape & Reel packaging for automated assembly. --- ### 3. Logic Function & Pin Configuration The NOR gate follows the logic equation: **$Y = \overline{A + B}$**. The output is only **HIGH** if both inputs are **LOW**. #### Truth Table | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | **H** | | L | H | **L** | | H | L | **L** | | H | H | **L** | #### Typical Pinout (SOT-25) 1. **IN B**: Input 2 2. **IN A**: Input 1 3. **GND**: Ground 4. **OUT Y**: Output 5. **VCC**: Power Supply --- ### 4. Distinctive Features * **High Speed**: Performance comparable to Schottky TTL while maintaining CMOS low power consumption. * **Overvoltage Tolerance**: The inputs are tolerant to voltages up to 5.5V, regardless of the operating $V_{CC}$. This makes the chip excellent for **downward level translation** (e.g., interfacing 5V logic to 3.3V systems). * **Low Power Dissipation**: Static power consumption is extremely low, making it ideal for battery-operated handheld devices. --- ### 5. Common Applications * **Signal Gating**: Allowing or blocking a signal based on a control line. * **Simple Logic Inversion**: If one input is tied to Ground, it acts as a standard Inverter (NOT gate). * **Mobile & Portable Devices**: Used in cell phones, tablets, and wearable tech due to the small SOT-25 package. * **Industrial Controls**: Used for basic logical interlocks in machinery.
    ✨ Follow-up Questions
    • ⤷What is the difference between the AHC and AHCT logic families?
    • ⤷ Can this part be used to interface a 5V sensor to a 3.3V microcontroller?
    • ⤷ What are the recommended decoupling capacitor values for the VCC pin?