AI

### Overview of U74ACT86L-S14-R
The **U74ACT86L-S14-R** is a high-speed CMOS integrated circuit consisting of four independent 2-input **Exclusive-OR (XOR) gates**. It belongs to the "ACT" family, which means it utilizes advanced CMOS technology while maintaining TTL-compatible input thresholds.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Logic Type** | XOR (Exclusive OR) |
| **Number of Circuits** | 4 (Quadruple) |
| **Number of Inputs** | 2 per gate |
| **Logic Family** | ACT (Advanced CMOS with TTL levels) |
| **Operating Supply Voltage** | 4.5V to 5.5V |
| **Output Current (High/Low)** | -24mA / 24mA |
| **Propagation Delay** | ~5.0ns (at 5V) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOP-14 (Small Outline Package) |
---
### 2. Logic Function
The XOR gate follows a specific truth table where the output is **HIGH (1)** only when the inputs are different.
**Truth Table (Per Gate):**
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | L |
| L | H | H |
| H | L | H |
| H | H | L |
---
### 3. Pin Configuration (SOP-14)
The device typically follows the standard pinout for Quad 2-input XOR gates:
1. **1A**: Input 1, Gate 1
2. **1B**: Input 2, Gate 1
3. **1Y**: Output, Gate 1
4. **2A**: Input 1, Gate 2
5. **2B**: Input 2, Gate 2
6. **2Y**: Output, Gate 2
7. **GND**: Ground (0V)
8. **3Y**: Output, Gate 3
9. **3A**: Input 1, Gate 3
10. **3B**: Input 2, Gate 3
11. **4Y**: Output, Gate 4
12. **4A**: Input 1, Gate 4
13. **4B**: Input 2, Gate 4
14. **Vcc**: Positive Supply (5V)
---
### 4. Part Number Decoding
Understanding the suffix helps in identifying the exact variant:
* **U74**: Unisonic Technologies (UTC) Prefix.
* **ACT**: Advanced CMOS Logic with TTL-compatible inputs.
* **86**: Logic function code (Quad 2-Input XOR).
* **L**: Lead-free/Halogen-free.
* **S14**: SOP-14 Package.
* **R**: Tape and Reel packaging.
---
### 5. Common Applications
* **Parity Generators/Checkers:** Used to detect errors in digital data transmission.
* **Adders/Subtractors:** The XOR gate is the fundamental building block for Half-Adders and Full-Adders.
* **Phase Comparators:** Used in Phase-Locked Loops (PLLs).
* **Data Encryption:** Basic XOR-based ciphering for simple logic security.
---
- ⤷What are the main differences between the ACT and HC logic families?
- ⤷ Can this IC be used in a 3.3V logic system?
- ⤷ How does the SOP-14 package compare to a DIP-14 in terms of mounting?