U74ACT32G-P14-R
AI

The **U74ACT32G-P14-R** is a high-speed CMOS logic integrated circuit. Specifically, it is a **Quadruple 2-Input OR Gate**. This component is part of the "74ACT" family, which features TTL-compatible inputs and high-speed performance.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Logic Type** | OR Gate |
| **Number of Circuits** | 4 (Quad) |
| **Number of Inputs** | 2 per gate |
| **Technology** | Advanced CMOS (ACT) |
| **Input Compatibility** | TTL-Compatible |
| **Package Type** | TSSOP-14 (G-P14-R suffix) |
---
### 2. Logic Function
The device performs the Boolean function **$Y = A + B$**. In an OR gate, the output is `HIGH` if at least one of the inputs is `HIGH`.
**Truth Table (Per Gate):**
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | L |
| L | H | H |
| H | L | H |
| H | H | H |
---
### 3. Electrical Characteristics
* **Operating Voltage ($V_{CC}$):** Typically 4.5V to 5.5V.
* **High-Speed Performance:** Very low propagation delay (usually around 5ns - 9ns).
* **Low Power Consumption:** Uses CMOS technology to ensure minimal static power draw.
* **Output Drive:** Capable of sourcing or sinking approximately 24mA, making it suitable for driving transmission lines or multiple logic loads.
* **Noise Immunity:** Designed with high noise margins characteristic of ACT series logic.
---
### 4. Pin Configuration (TSSOP-14)
The standard 14-pin layout for a quadruple 2-input gate is as follows:
1. **1A** (Input)
2. **1B** (Input)
3. **1Y** (Output)
4. **2A** (Input)
5. **2B** (Input)
6. **2Y** (Output)
7. **GND** (Ground)
8. **3Y** (Output)
9. **3A** (Input)
10. **3B** (Input)
11. **4Y** (Output)
12. **4A** (Input)
13. **4B** (Input)
14. **Vcc** (Power Supply)
---
### 5. Application Areas
* **Signal Gating:** Combining signals where any active input triggers a response.
* **Glue Logic:** Interfacing between different digital subsystems (especially TTL and CMOS).
* **Pulse Shaping:** Used in timing circuits to extend or combine pulses.
* **Industrial Control:** General-purpose logic processing in automation hardware.
- ⤷What is the difference between the 74ACT32 and the 74HC32 series?
- ⤷ Can this IC operate at 3.3V logic levels?
- ⤷ What does the 'G' and 'R' represent in the UTC part numbering?