công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • U74ACT14L-S14-R

  • AI
    ## Overview of U74ACT14L-S14-R The **U74ACT14L-S14-R** is a high-speed CMOS logic integrated circuit. Specifically, it consists of **six independent Schmitt-trigger inverters**. This device is designed to perform the Boolean function $Y = \bar{A}$ while providing high noise immunity and stable output transitions even with slow-changing input signals. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | ACT (Advanced CMOS with TTL-compatible inputs) | | **Logic Type** | Hex Schmitt-Trigger Inverter | | **Package Type** | SOP-14 (Small Outline Package) | | **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V | | **Input Threshold** | TTL Compatible | | **Number of Gates** | 6 | | **Operating Temperature** | -40°C to +85°C | | **Output Current** | ±24 mA | --- ### Key Features and Functionality 1. **Schmitt-Trigger Inputs**: * Unlike standard inverters, the Schmitt-trigger has different input threshold levels for positive-going ($V_{T+}$) and negative-going ($V_{T-}$) signals. * This creates **hysteresis**, which prevents "chatter" or multiple transitions when dealing with noisy or slow-rising signals. 2. **TTL Compatibility**: * The "ACT" designation indicates that the inputs are compatible with TTL (Transistor-Transistor Logic) levels, even though the internal structure is CMOS. This makes it ideal for interfacing between different logic families. 3. **High Drive Capability**: * With a $\pm24$ mA output drive, it can handle significant capacitive loads and interface directly with various peripheral components. --- ### Pin Configuration (SOP-14) | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1, 3, 5, 9, 11, 13 | 1A - 6A | Data Inputs | | 2, 4, 6, 8, 10, 12 | 1Y - 6Y | Data Outputs | | 7 | GND | Ground (0V) | | 14 | $V_{CC}$ | Supply Voltage | --- ### Common Applications * **Pulse Shapers**: Converting distorted or slow-rising square waves into clean, sharp pulses. * **Noise Elimination**: Filtering out signal jitter in digital communication lines. * **Oscillators**: Can be used with a resistor and capacitor (RC circuit) to create a simple relaxation oscillator. * **Level Shifting**: Interfacing 3.3V TTL logic to 5V CMOS systems. --- ### Circuit Example: Basic RC Relaxation Oscillator ```c // Concept for using one gate of the U74ACT14 as an oscillator // Input (A) connected to a Capacitor (C) to Ground // Feedback Resistor (R) connected from Output (Y) to Input (A) Frequency (f) ≈ 1 / (k * R * C) // where k is a constant derived from the hysteresis thresholds. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ACT and AC logic families?
    • ⤷ How does the hysteresis voltage affect signal noise margins?
    • ⤷ Can this IC be powered by a 3.3V source instead of 5V?