AI

The **U74ACT08L-S14-R** is a high-speed CMOS logic integrated circuit. Specifically, it is a **Quadruple 2-Input Positive-AND Gate**. This part is designed to perform the Boolean function $Y = A \cdot B$ or $Y = \overline{\overline{A} + \overline{B}}$.
Below is a detailed breakdown of its electronic specifications and features.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | AND Gate |
| **Number of Gates** | 4 (Quadruple) |
| **Inputs per Gate** | 2 |
| **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V |
| **Input Threshold** | TTL Compatible (ACT Series) |
| **Output Current ($I_{OH}/I_{OL}$)** | ±24 mA |
| **Propagation Delay ($t_{pd}$)** | ~1.0 ns to 9.0 ns (Load dependent) |
| **Package Type** | SOP-14 (Small Outline Package) |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Pin Configuration (SOP-14)
The device contains four independent gates labeled 1 through 4.
| Pin No. | Symbol | Description |
| :--- | :--- | :--- |
| 1, 2 | 1A, 1B | Inputs for Gate 1 |
| 3 | 1Y | Output for Gate 1 |
| 4, 5 | 2A, 2B | Inputs for Gate 2 |
| 6 | 2Y | Output for Gate 2 |
| 7 | GND | Ground (0V) |
| 8, 9 | 3Y | Output for Gate 3 |
| 10, 11 | 3A, 3B | Inputs for Gate 3 |
| 12, 13 | 4Y | Output for Gate 4 |
| 14 | $V_{CC}$ | Power Supply |
---
## 3. Key Electronic Features
### A. ACT Technology
The "ACT" in the part number stands for **Advanced CMOS with TTL-compatible inputs**.
* It combines the high speed of bipolar logic (TTL) with the low power consumption of CMOS.
* The input logic levels are compatible with standard TTL devices ($V_{IL} = 0.8V$, $V_{IH} = 2.0V$), allowing it to interface between different voltage logic families.
### B. High Output Drive
With a current sourcing/sinking capability of **24mA**, this chip can drive heavy capacitive loads or multiple logic gates without significant signal degradation.
### C. Low Power Consumption
As a CMOS device, its static power consumption is extremely low, making it ideal for battery-operated or heat-sensitive applications.
---
## 4. Logic Function (Truth Table)
For each individual gate within the chip, the logic follows the standard AND operation:
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | **L** |
| L | H | **L** |
| H | L | **L** |
| H | H | **H** |
---
## 5. Part Number Decoding
* **U74**: UTC (Unisonic Technologies Co.) Standard Logic series.
* **ACT**: Advanced CMOS, TTL-compatible inputs.
* **08**: Function code for "Quad 2-Input AND Gate".
* **L**: Lead-free/Halogen-free.
* **S14**: Package code for SOP-14.
* **R**: Tape and Reel packaging.
- ⤷What are the main differences between the ACT and HC logic families?
- ⤷ How does the propagation delay of the U74ACT08 compare to standard TTL gates?
- ⤷ Can this IC be used in a 3.3V system without level shifting?