AI

The **U74ACT08G-P14-R** is a high-speed CMOS logic integrated circuit. Specifically, it belongs to the "ACT" family, which means it is an Advanced CMOS device with TTL-compatible inputs.
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Logic Type** | Quadruple 2-Input AND Gate |
| **Technology** | Advanced CMOS (ACT) |
| **Input Logic** | TTL-Compatible (0.8V to 2.0V thresholds) |
| **Package** | TSSOP-14 (Thin Shrink Small Outline Package) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Technical Characteristics
This IC contains four independent 2-input AND gates. The logic function is represented by the equation: **$Y = A \cdot B$**.
#### Electrical Parameters
* **Supply Voltage ($V_{CC}$):** Typically 4.5V to 5.5V.
* **Operating Temperature:** Generally ranges from -40°C to +85°C.
* **High Output Current ($I_{OH}$):** -24 mA (Source).
* **Low Output Current ($I_{OL}$):** 24 mA (Sink).
* **Propagation Delay:** Very low (typically < 10ns), making it suitable for high-speed switching.
---
### 3. Pin Configuration (TSSOP-14)
The device follows the standard 14-pin layout for quad gates:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1, 2 | 1A, 1B | Inputs for Gate 1 |
| 3 | 1Y | Output for Gate 1 |
| 4, 5 | 2A, 2B | Inputs for Gate 2 |
| 6 | 2Y | Output for Gate 2 |
| 7 | GND | Ground (0V) |
| 8, 9 | 3Y, 3A | Output/Input for Gate 3 |
| 10 | 3B | Input for Gate 3 |
| 11 | 4Y | Output for Gate 4 |
| 12, 13 | 4A, 4B | Inputs for Gate 4 |
| 14 | $V_{CC}$ | Power Supply |
---
### 4. Key Advantages
1. **TTL Compatibility:** Because it is an "ACT" series part, it can interface directly between 5V TTL systems and CMOS systems without level shifters.
2. **Low Power Consumption:** Being CMOS-based, it consumes very little static power compared to bipolar (LS/ALS) logic.
3. **High Noise Immunity:** Provides stable performance in environments with electrical noise.
---
### 5. Part Number Breakdown
* **U74:** Product series (Logic).
* **ACT:** Advanced CMOS, TTL-compatible inputs.
* **08:** Function (Quad 2-Input AND Gate).
* **G:** Halogen-free/Green material.
* **P14:** TSSOP-14 Package.
* **R:** Tape and Reel (Packaging method).
- ⤷What is the difference between the ACT and HC logic families?
- ⤷ Can this IC be used with a 3.3V power supply?
- ⤷ What are the common applications for an AND gate in digital circuits?