AI

The **U74ACT04G-P14-R** is a high-speed CMOS logic integrated circuit. Specifically, it consists of **six independent inverters** (hex inverters). It is part of the "ACT" logic family, which means it uses CMOS technology but has TTL-compatible input logic levels.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Logic Function** | Hex Inverter (6 Channels) |
| **Logic Family** | ACT (Advanced CMOS with TTL-compatible inputs) |
| **Package Type** | TSSOP-14 (Thin Shrink Small Outline Package) |
| **Operating Voltage ($V_{CC}$)** | 4.5V to 5.5V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±24 mA |
| **Propagation Delay** | ~5ns to 8.5ns (at 5V) |
---
### 2. Pin Configuration (TSSOP-14)
The device contains 14 pins, housing six identical inverter gates.
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1, 3, 5, 9, 11, 13 | 1A to 6A | Data Inputs |
| 2, 4, 6, 8, 10, 12 | 1Y to 6Y | Data Outputs (Inverted) |
| 7 | GND | Ground (0V) |
| 14 | $V_{CC}$ | Power Supply (Typically 5V) |
---
### 3. Key Electronic Characteristics
* **Inversion Logic:** The core function follows the Boolean equation $Y = \bar{A}$. If the input is HIGH, the output is LOW, and vice versa.
* **TTL Compatibility:** Unlike the standard 74HC series, the 74ACT series features input thresholds designed to interface directly with TTL outputs (0.8V for Low, 2.0V for High) while operating at CMOS voltage levels.
* **High Drive Capability:** With a 24mA drive current, this chip can handle significantly higher loads than standard CMOS chips, making it useful for driving LEDs or transmission lines.
* **Low Power Consumption:** Being CMOS-based, it consumes very little power when in a static (non-switching) state.
---
### 4. Part Number Breakdown
* **U74:** Manufacturer prefix (often associated with Unisonic Technologies - UTC).
* **ACT:** Logic Family (Advanced CMOS, TTL-compatible).
* **04:** Device Function (Hex Inverter).
* **G:** Halogen-free and RoHS compliant.
* **P14:** Package Code (TSSOP-14).
* **R:** Packing Code (Tape & Reel).
---
### 5. Applications
* **Signal Inversion:** Flipping logic states in digital circuits.
* **Oscillators:** Creating clock signals using RC or crystal circuits.
* **Pulse Shaping:** Cleaning up slow-rising edges of digital signals.
* **Level Shifting:** Interfacing different logic families operating at 5V.
- ⤷
What is the difference between the 74ACT04 and the 74HC04 series?
- ⤷ Can this IC be used with a 3.3V power supply?
- ⤷ What is the maximum frequency this inverter can handle?