U-A2-R1
AI

Based on the technical identification, the **U-A2-R1** refers to a specific configuration of a high-power industrial power supply unit, typically associated with the **Cosel U-series**. These are widely used in industrial automation, telecommunications, and medical equipment.
---
### 1. Key Technical Specifications
The "U-A2-R1" designation breaks down into specific electrical characteristics:
| Parameter | Specification |
|:---|:---|
| **Series** | Cosel U-Series (Industrial Grade) |
| **Output Voltage** | 5V / 12V / 24V (depending on the A2 configuration) |
| **Cooling** | Convection or Forced Air |
| **Safety Approvals** | UL60950-1, EN60950-1 |
| **Input Range** | AC 85V - 132V / AC 170V - 264V (Auto-switching) |
---
### 2. Electronic Component Breakdown
The internal architecture of this unit consists of several critical electronic stages:
#### A. Input Section (EMI Filtering)
* **X and Y Capacitors:** Used for differential and common-mode noise suppression.
* **Varistors (MOV):** Protect the internal circuits from voltage surges and lightning strikes.
* **Bridge Rectifier:** Converts AC input into high-voltage DC.
#### B. Switching Section (DC-DC Conversion)
* **Power MOSFETs:** Act as high-speed switches to chop the DC voltage into high-frequency pulses.
* **PWM Controller IC:** Regulates the duty cycle of the MOSFETs to ensure stable output voltage despite load changes.
* **Transformer:** Provides galvanic isolation between the high-voltage input and low-voltage output.
#### C. Output Section (Rectification and Smoothing)
* **Schottky Barrier Diodes (SBD):** Rectify the high-frequency AC from the transformer back into DC with minimal power loss.
* **Electrolytic Capacitors (Low ESR):** Smooth out voltage ripples.
* **R1 Suffix Components:** Often indicates the inclusion of a remote sensing circuit or a specific connector terminal type.
---
### 3. Safety and Protection Circuits
The unit includes dedicated components for fault protection:
1. **Overcurrent Protection (OCP):** Shuts down or limits current if the load exceeds rated capacity.
2. **Overvoltage Protection (OVP):** Uses a Zener diode or comparator to shut down the unit if the output voltage spikes.
3. **Thermal Protection:** Thermistors monitor the temperature of the heat sinks.
---
### 4. Application Context
The **R1** modification usually implies a specific hardware revision or a remote control functionality:
* **Remote On/Off:** Allows the user to toggle the power supply electronically without a physical AC switch.
* **Remote Sensing:** Compensates for voltage drops across long output wires by measuring voltage directly at the load.
- ⤷
What is the exact output voltage of your specific U-A2-R1 unit?
- ⤷ Are you looking for a pinout diagram for the R1 terminal connector?
- ⤷ Do you need troubleshooting steps for a unit that is failing to power on?