AI

The **TX16-R3T** is a high-performance infrared (IR) transmitter module commonly used in remote control systems, optical communication, and sensor applications. It is often paired with an "R1" or "R2" series receiver.
---
### ## Key Electronic Components & Specifications
The internal circuitry of a TX16-R3T typically consists of a high-output IR LED, a driver transistor, and modulation circuitry to ensure signal stability.
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 3.3V to 5.0V DC |
| **Peak Wavelength** | 940nm (Infrared) |
| **Transmission Distance** | 10 – 15 meters (depending on voltage) |
| **Carrier Frequency** | Typically 38kHz (standard for IR remotes) |
| **Input Interface** | 3-Pin (VCC, GND, Signal/Data) |
---
### ### Technical Breakdown
1. **Infrared Emitter (LED):**
The core component is a 940nm Gallium Arsenide (GaAs) LED. Unlike standard LEDs, these are optimized for high-speed switching to facilitate data transmission.
2. **Modulation Circuitry:**
To prevent interference from ambient light (like sunlight or indoor lamps), the TX16-R3T modulates the data signal onto a carrier frequency (usually 38kHz). This ensures the receiver only "listens" to the specific pulses sent by the transmitter.
3. **Driver Stage:**
Since microcontrollers (like Arduino or ESP32) cannot provide high current, the module includes a small transistor or buffer IC to drive the IR LED at higher power levels for better range.
---
### ### Pinout Diagram
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **VCC** | Power Supply (3.3V - 5V) |
| 2 | **GND** | Ground |
| 3 | **DAT / SIG** | Input Signal from MCU (Pulse Width Modulation) |
---
### ### Basic Wiring Example (Arduino)
To use this module, you connect the signal pin to a PWM-capable digital pin on your controller.
```cpp
// Example: Sending a simple IR signal using the IRremote library
#include
const int IR_PIN = 3; // Signal pin connected to TX16-R3T
void setup() {
IrSender.begin(IR_PIN);
}
void loop() {
// Send a Sony protocol signal
IrSender.sendSony(0x1, 0x12, 2);
delay(2000);
}
```
- ⤷
What is the maximum current draw of the TX16-R3T during transmission?
- ⤷ How do I troubleshoot short range issues with this module?
- ⤷ Can the TX16-R3T be used for high-speed data transfer between two microcontrollers?