TSSP530..DF1P
AI

The **TSSP53038DF1P** is a high-performance infrared (IR) sensor module designed for proximity sensing and object detection. It belongs to the TSSP530 series manufactured by Vishay Semiconductors.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics:
| Property | Value/Description |
| :--- | :--- |
| **Carrier Frequency** | 38 kHz |
| **Supply Voltage (Vs)** | 2.0 V to 5.5 V |
| **Supply Current (Is)** | 0.7 mA (typical) |
| **Transmission Distance** | Up to 40 meters (with emitter) |
| **Package Type** | Belobog (Surface Mount - SMD) |
| **Optical Filter** | Integrated Daylight Filter (blocks visible light) |
| **Output Type** | Active Low (CMOS logic) |
---
### 2. Functional Components
The device integrates several electronic components into a single miniaturized package:
* **Photodiode:** Converts infrared light pulses into electrical signals.
* **Preamplifier:** Boosts the weak signal from the photodiode.
* **Band Pass Filter:** Specifically tuned to **38 kHz** to eliminate noise from other light sources (like sunlight or fluorescent bulbs).
* **Demodulator:** Converts the carrier frequency pulses into a clean logic signal for a microcontroller (MCU).
---
### 3. Pin Configuration
The "DF1P" designation typically refers to a specific lead-bending and packaging style (Top View).
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| **1** | OUT | Output signal (connects to MCU GPIO) |
| **2** | GND | Ground connection |
| **3** | Vs | Power supply (2.0V - 5.5V) |
---
### 4. Primary Applications
Unlike standard IR receivers (like the TSOP series) which are used for remote control decoding, the **TSSP** series is optimized for continuous signal detection:
* **Proximity Sensors:** Detecting if an object is near a device (e.g., automatic faucets).
* **Light Barriers:** Used in security systems or industrial counting lines.
* **Reflective Sensors:** Used in robotics for floor detection or obstacle avoidance.
---
### 5. Implementation Example
To use this part, you typically pair it with a 940nm IR LED pulsing at 38kHz.
```c
// Pseudo-code for MCU detection
if (digitalRead(SENSOR_PIN) == LOW) {
// Object detected (Path is blocked or reflected)
triggerAction();
} else {
// No object detected
standby();
}
```
- ⤷
What is the difference between the TSSP530 series and the TSOP remote control receivers?
- ⤷ How do I calculate the resistor value for the IR LED used with this sensor?
- ⤷ Can this sensor work in direct sunlight?