công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TSR-10AD-H-R

  • AI
    ## Technical Overview: TSR-10AD-H-R The **TSR-10AD-H-R** is a Three-Phase Solid State Relay (SSR) designed for industrial power switching applications. Unlike traditional mechanical contactors, it uses semiconductor devices to perform switching, offering high durability and silent operation. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Control Voltage (Input)** | 4 - 32V DC | | **Load Voltage (Output)** | 90 - 480V AC | | **Rated Load Current** | 10 Amperes | | **Phase Type** | Three-Phase | | **Switching Type** | Zero-Cross Trigger | | **Dielectric Strength** | 2500V AC | --- ### 2. Breakdown of the Model Code The alphanumeric code provides specific details about the component's internal construction: * **TSR:** Three-phase Solid State Relay. * **10:** Rated current (10 Amps). * **AD:** Control method (DC input, AC output). * **H:** High voltage range (up to 480V). * **R:** Random turn-on or specialized resistance handling (depending on specific manufacturer iterations, often signifies "Resistance" or "Random" switching). --- ### 3. Electronic Composition and Features #### A. Input Circuit (Control Side) The input side consists of an **Opto-coupler (Optical Isolator)**. This component ensures that the low-voltage DC control circuit is physically and electrically isolated from the high-voltage AC load circuit, protecting the PLC or controller from surges. #### B. Output Circuit (Power Side) The switching is performed by a set of **TRIACs** or **Back-to-back Thyristors (SCRs)** for each of the three phases. * **Zero-Cross Function:** Most "AD" models trigger the output only when the AC sine wave passes through zero volts. This minimizes electrical noise (EMI) and protects the load. * **Heat Dissipation:** Since semiconductors generate heat when conducting current, the backplate is typically made of aluminum to be mounted onto a heatsink. #### C. Protection Components * **RC Snubber:** An internal Resistor-Capacitor circuit is often included to protect the internal silicon components from voltage spikes ($dv/dt$). * **LED Indicator:** A built-in LED provides visual confirmation when the control signal is active. --- ### 4. Advantages vs. Mechanical Contactors 1. **No Arcing:** Since there are no physical contacts, there is no sparking during switching. 2. **Long Lifespan:** No moving parts means millions of cycles without mechanical wear. 3. **Fast Response:** Switching happens in milliseconds. 4. **Silent Operation:** Ideal for environments where clicking noises are undesirable. ---
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a 10A SSR like the TSR-10AD-H-R?
    • ⤷ Can this SSR be used for inductive loads like motors
    • ⤷ or only resistive loads?
    • ⤷ How do I wire the input of this SSR to a PLC output?