TSOP931..P16TR
AI

The **TSOP931..P16TR** series refers to high-performance miniaturized IR receiver modules designed for infrared remote control systems. These components integrate a photodiode and a preamplifier into a single lead frame, encapsulated in an epoxy package that acts as an IR filter.
---
## 1. Core Component Breakdown
| Feature | Description |
| :--- | :--- |
| **Component Type** | Integrated IR Receiver (Photodiode + IC) |
| **Preamplifier** | Internal AGC (Automatic Gain Control) for noise suppression |
| **Output Type** | Active Low (The output drops to 0V when an IR signal is detected) |
| **Shielding** | Internal metal shielding against EMI (Electromagnetic Interference) |
| **Carrier Frequency** | Available in variants (e.g., 30kHz to 56kHz) |
---
## 2. Technical Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Supply Voltage ($V_S$)** | 2.0 V to 3.6 V (Low power design) |
| **Supply Current ($I_S$)** | ~0.35 mA (Ideal for battery-operated devices) |
| **Transmission Distance** | Up to 40 meters |
| **Directivity** | $\pm 45^\circ$ (Half angle) |
| **Dimensions** | 5.3 mm x 3.2 mm x 4.0 mm |
---
## 3. Package and Suffix Meaning
The part number follows a specific nomenclature used by Vishay:
* **TSOP931**: The base series. The "93" indicates the specific internal AGC circuitry (AGC1, AGC2, etc., optimized for different noise environments).
* **P16**: Refers to the physical package style (often the **Heimdall** package or specific SMD orientation).
* **TR**: Stands for **Tape and Reel**, indicating the packaging method for automated SMT (Surface Mount Technology) assembly.
---
## 4. Typical Application Circuit
To ensure the stability of the TSOP931, a simple RC filter is recommended at the power supply pin ($V_S$).
```text
V_S (2V - 3.6V)
|
[R1: 100 Ohm]
|
+-------+----------- Pin 3 (Vs)
| |
[C1: 4.7uF] [TSOP931]
| |
GND Pin 2 (GND) -------- GND
|
Pin 1 (OUT) -------- Microcontroller GPIO
```
---
## 5. Key Advantages
1. **Noise Immunity**: Extremely robust against disturbance from fluorescent lamps and Wi-Fi signals.
2. **Low Voltage**: Specifically designed to work with 3V lithium coin cells or 2x AAA batteries.
3. **No External Components**: Other than a decoupling capacitor, it requires no external components to process the IR signal.
- ⤷
What are the differences between the various AGC versions in the TSOP series?
- ⤷ How does the 'Active Low' output behavior affect microcontroller programming?
- ⤷ What is the maximum data rate supported by the TSOP931 series?