TSOP372..H_V01
AI

The **TSOP372..H_V01** series (often categorized under the TSOP37xxx family) is a collection of miniaturized IR receiver modules designed for infrared remote control systems. These parts integrate a PIN diode and a preamplifier into a single lead frame, encapsulated in an epoxy package that acts as an IR filter.
---
### 1. Key Technical Specifications
The following table highlights the general electrical and optical characteristics of the TSOP372 series:
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage ($V_S$)** | 2.5 V to 5.5 V |
| **Supply Current ($I_S$)** | 0.35 mA (typical) |
| **Carrier Frequency ($f_0$)** | 30 kHz to 56 kHz (model dependent) |
| **Transmission Distance** | Up to 45 meters |
| **Directivity** | $\pm 45^\circ$ (Half angle) |
| **Output Type** | Active Low (CMOS/TTL compatible) |
---
### 2. Internal Architecture
The device consists of several critical functional blocks that process the incoming infrared light:
1. **PIN Photodiode:** Converts infrared light pulses into an electrical signal.
2. **Preamplifier:** Boosts the weak signal from the photodiode.
3. **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for ambient light noise and varying distances.
4. **Band Pass Filter:** Specifically tuned to the carrier frequency (e.g., 38 kHz) to suppress interference from sunlight or fluorescent lamps.
5. **Demodulator:** Removes the carrier frequency and outputs the clean data envelope.
---
### 3. Pin Configuration
The physical layout typically follows the **Heimann (H)** mold package style:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **OUT** | Demodulated data output (Active Low) |
| 2 | **GND** | Ground connection |
| 3 | **$V_S$** | Positive supply voltage |
---
### 4. Implementation Circuit
To ensure stable operation and noise immunity, a basic RC filter is recommended at the supply pin:
```c
// Basic Circuit Representation
// [V_S] ---- [R1: 100 Ohm] ----+---- [Pin 3: Vs]
// |
// [C1: 0.1uF]
// |
// [GND] -----------------------+---- [Pin 2: GND]
```
---
### 5. Application Usage
The **TSOP372** is optimized for data formats with long bursts and high noise immunity (such as the NEC or RC5 protocols). It is commonly found in:
* Consumer electronics (TVs, DVD players, Air Conditioners).
* PC and Interactive Whiteboard peripherals.
* Industrial automation remote triggers.
- ⤷
What are the differences between the TSOP372 and TSOP382 series?
- ⤷ How does the AGC (Automatic Gain Control) handle fluorescent light interference?
- ⤷ Which carrier frequency is most common for standard TV remotes?