TSOP22..WE1
AI

The **TSOP22..WE1** series belongs to a family of miniaturized IR receiver modules designed for infrared remote control systems. These components integrate a photodiode and a preamplifier into a single lead frame, encapsulated in an epoxy package that acts as an IR filter.
---
### 1. Key Internal Components
The "WE1" suffix typically refers to a specific lead-bend configuration (often a surface-mount or winged lead style), but the internal electronics remain consistent across the series:
| Component | Function |
| :--- | :--- |
| **Photodiode** | Converts IR light signals into electrical current. |
| **Preamplifier** | Boosts the weak signal from the photodiode. |
| **AGC (Automatic Gain Control)** | Adjusts sensitivity to suppress noise from ambient light (fluorescent lamps, etc.). |
| **Band Pass Filter** | Blocks all frequencies except the specific carrier frequency (e.g., 38kHz). |
| **Demodulator** | Strips the carrier wave to output the original binary data signal. |
---
### 2. Technical Specifications
The TSOP22 series is known for its low power consumption and high immunity against ambient light interference.
| Parameter | Typical Value |
| :--- | :--- |
| **Operating Voltage** | 2.5 V to 5.5 V |
| **Supply Current** | 0.7 mA |
| **Carrier Frequency** | 30 kHz to 56 kHz (depends on the model number) |
| **Transmission Distance** | Up to 45 meters |
| **Directivity** | Half angle $\phi = \pm 45^\circ$ |
---
### 3. Pinout Configuration
Most TSOP22 modules use a standard 3-pin interface. While you should always check the specific datasheet for the "WE1" mechanical drawing, the logical pins are:
1. **OUT:** Data output (Active Low; remains HIGH when no signal is detected).
2. **GND:** Ground connection.
3. **V_s:** Power supply (2.5V - 5.5V).
---
### 4. Circuit Implementation
To ensure stable operation, a basic RC filter is recommended at the supply voltage pin to prevent noise from the power line affecting the sensitive preamplifier.
```c
// Typical Connection Diagram
// [IR Receiver] [Microcontroller]
// Pin 1 (OUT) ---> Digital Input (e.g., GPIO 2)
// Pin 2 (GND) ---> GND
// Pin 3 (Vs) ---> VCC (with 100 Ohm resistor + 4.7uF Cap)
```
---
### 5. Part Number Breakdown
* **TSOP:** Vishay IR Receiver family.
* **22:** Refers to the specific internal IC design (Generation 2).
* **[Frequency]:** (e.g., TSOP2238) The last two digits indicate the carrier frequency in kHz.
* **WE1:** Mechanical package variation (Winged/Bent leads for specific PCB mounting).
- ⤷
What is the difference between TSOP22 and TSOP48 series?
- ⤷ How do I choose the correct carrier frequency for my project?
- ⤷ What external components are needed to filter noise for this IR receiver?