TSOP131..P10TR
AI

The **TSOP131..P10TR** series represents a family of miniaturized IR receiver modules designed for infrared remote control systems. These components integrate a photo detector and a preamplifier into a single lead frame.
---
### 1. Key Technical Specifications
The ".." in the part number typically denotes the carrier frequency (e.g., TSOP13138 corresponds to 38 kHz).
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage ($V_S$)** | 2.5 V to 5.5 V |
| **Supply Current ($I_S$)** | 0.35 mA (typical) |
| **Carrier Frequency** | 30 kHz to 56 kHz (model dependent) |
| **Transmission Distance** | Up to 45 meters |
| **Directivity** | $\pm$ 45 degrees (half angle) |
| **Package Type** | Belobog (Surface Mount - SMD) |
---
### 2. Internal Block Diagram Functions
The internal circuitry is sophisticated, allowing the sensor to distinguish between valid remote signals and ambient noise.
* **Photodiode:** Converts infrared light pulses into electrical current.
* **Preamplifier:** Amplifies the weak signal from the photodiode.
* **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for ambient light interference (like sunlight or fluorescent bulbs).
* **Band Pass Filter:** Only allows signals at the specific carrier frequency (e.g., 38 kHz) to pass through.
* **Demodulator:** Removes the carrier frequency, leaving only the data "envelope" as a digital output.
---
### 3. Pin Configuration
The TSOP131..P10TR usually follows a standard 3-pin layout for SMD mounting:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| **1** | **OUT** | Demodulated digital output (Active Low) |
| **2** | **GND** | Ground connection |
| **3** | **$V_S$** | Positive supply voltage |
---
### 4. Implementation Circuit
To ensure stability, a simple RC filter is recommended at the supply pin to prevent power supply ripples from causing false triggers.
```cpp
// Typical Arduino hookup logic
int irPin = 2; // Connected to Pin 1 (OUT) of TSOP
void setup() {
pinMode(irPin, INPUT);
Serial.begin(9600);
}
void loop() {
int signal = digitalRead(irPin);
if (signal == LOW) {
// IR Pulse detected
Serial.println("IR Signal Received");
}
}
```
---
### 5. Part Number Suffix Breakdown: "P10TR"
* **P10:** Refers to the specific mechanical molding or lead bending style (Pin 1 to Pin 3 spacing/orientation).
* **TR:** Stands for **Tape and Reel**, indicating the component is packaged for automated pick-and-place assembly machines.
---
- ⤷
What are the main differences between the TSOP131 and TSOP181 series?
- ⤷ How do I calculate the resistor and capacitor values for the power supply filter?
- ⤷ Which IR protocols are best supported by the AGC4 version of this sensor?