TSOP111..
AI

The **TSOP11.. series** (specifically the TSOP11xx family) consists of miniaturized receivers for infrared (IR) remote control systems. These components integrate a PIN diode and a preamplifier on a single lead frame, while the epoxy package acts as an IR filter.
---
## 1. Internal Architecture
The TSOP11.. is more than just a phototransistor; it is a sophisticated Integrated Circuit (IC). Internally, it consists of:
* **PIN Photodiode:** Converts IR light into an electrical signal.
* **Preamplifier:** Boosts the weak signal from the diode.
* **Automatic Gain Control (AGC):** Adjusts sensitivity to suppress ambient noise.
* **Band Pass Filter:** Only allows signals of a specific carrier frequency (e.g., 38kHz) to pass.
* **Demodulator:** Removes the carrier wave and outputs the original data pulses.
---
## 2. Technical Specifications
Typical parameters for the TSOP11 series are summarized below:
| Parameter | Value/Range |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 2.7V to 5.5V |
| **Supply Current (Is)** | ~0.7 mA |
| **Carrier Frequency ($f_0$)** | 30 kHz to 56 kHz (variant dependent) |
| **Transmission Distance** | Up to 35 meters |
| **Directivity** | $\pm 45^\circ$ (Half angle) |
| **Output Type** | Active Low (Logic 0 when IR is detected) |
---
## 3. Pin Configuration
The TSOP11.. usually features a standard 3-pin layout:
1. **Pin 1 (OUT):** Data output; connects to a microcontroller interrupt or I/O pin.
2. **Pin 2 (GND):** Ground connection.
3. **Pin 3 (Vs):** Power supply voltage.
---
## 4. Key Features for Designers
* **Disturbance Immunity:** It is designed to be highly robust against noise from sunlight, fluorescent lamps, and LCD backlights.
* **Frequency Matching:** The "11" in the name is followed by two digits indicating the carrier frequency. For example:
* **TSOP1138:** Optimized for 38 kHz.
* **TSOP1140:** Optimized for 40 kHz.
* **Application Circuit:** To ensure stability, it is recommended to place a resistor ($R_1 \approx 100 \Omega$) in series with $V_s$ and a capacitor ($C_1 \approx 4.7 \mu F$) between $V_s$ and $GND$ to filter power supply noise.
```text
Basic Connection Diagram:
[ Vcc ]
|
[R1: 100 Ohm]
|--------+---- (Pin 3: Vs)
| [C1: 4.7uF]
| |
+--------+---- (Pin 2: GND)
|
+---- (Pin 1: OUT) --> [Microcontroller]
```
---
## 5. Typical Applications
* TV, DVD, and Hi-Fi remote control receivers.
* Infrared air conditioning controls.
* Optical proximity sensors (when used with an IR LED).
* Simple wireless data transmission.
- ⤷What is the difference between the TSOP1738 and the TSOP1138?
- ⤷ How do I interface a TSOP1138 with an Arduino?
- ⤷ Can the TSOP11 series detect continuous IR signals?