công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TSM048NB06LCR

  • AI
    ### TSM048NB06LCR Technical Overview The **TSM048NB06LCR** is a high-performance **N-Channel Power MOSFET** manufactured by Taiwan Semiconductor. It is designed using advanced Trench technology to provide low on-resistance and optimized gate charge, making it ideal for high-efficiency power conversion applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the TSM048NB06LCR: | Parameter | Symbol | Maximum Rating | |:---|:---:|:---:| | **Drain-Source Voltage** | $V_{DS}$ | 60 V | | **Continuous Drain Current** | $I_D$ | 96 A | | **Gate-Source Voltage** | $V_{GS}$ | ±20 V | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 4.8 mΩ (max) @ $V_{GS}=10V$ | | **Total Gate Charge** | $Q_g$ | 52 nC (typ) | | **Operating Junction Temperature** | $T_J$ | -55 to +150 °C | --- ### 2. Major Features * **Low $R_{DS(on)}$:** Minimizes conduction losses, leading to higher efficiency and reduced heat generation. * **Logic Level Drive:** Can be fully turned on with lower gate voltages, making it compatible with many microcontrollers and logic circuits. * **High Power Density:** Available in the **PDFN56** (5x6mm) package, which offers excellent thermal performance in a compact footprint. * **Pb-free & Halogen-free:** Complies with RoHS standards for environmental safety. --- ### 3. Application Areas This MOSFET is commonly utilized in circuits requiring high-speed switching and high current handling: 1. **DC-DC Converters:** Used in point-of-load (POL) modules for servers and telecommunications. 2. **Motor Control:** Ideal for BLDC motor drivers in power tools and robotics. 3. **Battery Management Systems (BMS):** Efficiently manages charging and discharging cycles. 4. **Synchronous Rectification:** Used in the secondary side of AC-DC power supplies to improve efficiency. --- ### 4. Schematic Representation The device follows the standard N-Channel MOSFET pinout for the PDFN56 package: ```text PDFN56 Top View +----------------+ 1 | Source Drain | 8 2 | Source Drain | 7 3 | Source Drain | 6 4 | Gate Drain | 5 +----------------+ ``` ---
    ✨ Follow-up Questions
    • ⤷What are the thermal resistance values for the TSM048NB06LCR?
    • ⤷ How does its Rds(on) change at logic-level voltages like 4.5V?
    • ⤷ What are the recommended gate driver ICs for this MOSFET?